Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 9 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. C
–9–
OP77
FREQUENCY – Hz
60
0.1
90
100
110
120
130
1.0
10
100
1k
10k
TA = 25 C
80
70
TPC 10. PSRR vs. Frequency
FREQUENCY – Hz
0.1
100
1k
10k
100k
1.0
10
VS = 15V
TA = 25 C
TPC 13. Input Wideband Noise vs.
Bandwidth (0.1 Hz to Frequency
Indicated)
TA = 25 C
TOTAL SUPPLY VOLTAGE, V+ TO V – V
010
20
30
40
0
10
100
TPC 16. Power Consumption vs.
Power Supply
TEMPERATURE – C
0
–50
VS = 15V
050
100
1
2
3
4
TPC 11. Input Bias Current
vs. Temperature
FREQUENCY – Hz
1
1
VS = 15V
TA = 25 C
10
100
1k
10
100
1000
RS = 0
EXCLUDED
RS1 = RS2 = 200kV
THERMAL NOISE OF SOURCE
RESISTORS INCLUDED
TPC 14. Total Input Noise
Voltage vs. Frequency
LOAD RESISTANCE TO GROUND –
0
100
1k
10k
5
10
15
20
NEGATIVE SWING
POSITIVE SWING
VS = 15V
TA = 25 C
VIN = 10mV
TPC 17. Maximum Output Voltage
vs. Load Resistance
0
–50
VS = 15V
050
100
0.5
1.0
1.5
2.0
TEMPERATURE – C
TPC 12. Input Offset Current
vs. Temperature
FREQUENCY – Hz
0
1k
4
8
12
16
20
24
28
32
10k
100k
1M
VS = 15V
TA = 25 C
TPC 15. Maximum Output Swing
vs. Frequency
TIME FROM OUTPUT BEING SHORTED –
MINUTES
15
04
123
20
25
30
35
40
VS = 15V
TA = 25 C
TPC 18. Output Short-Circuit
Current vs. Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com