Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 3 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 3 Page - Analog Devices

  OP77 Datasheet HTML 1Page - Analog Devices OP77 Datasheet HTML 2Page - Analog Devices OP77 Datasheet HTML 3Page - Analog Devices OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. C
–3–
OP77
SPECIFICATIONS
OP77A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
25
60
mV
AVERAGE INPUT OFFSET
VOLTAGE DRIFT
1
TCVOS
0.1
0.3
mV/∞C
INPUT OFFSET CURRENT
IOS
0.5
2.2
nA
AVERAGE INPUT OFFSET
CURRENT DRIFT
2
TCIOS
1.5
25
pA/
∞C
INPUT BIAS CURRENT
IB
–0.2
2.4
4
nA
AVERAGE INPUT BIAS
CURRENT DRIFT2
TCIB
8
25
pA/
∞C
INPUT VOLTAGE RANGE
IVR
±13
±13.5
0.6
V
COMMON-MODE
REJECTION RATIO
CMRR
VCM =
±13 V
0.1
1.0
mV/V
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
±3 V to ±18 V
1
3
mV/V
LARGE-SIGNAL
VOLTAGE GAIN
AVO
RL
≥ 2 kW ≥ VO = ±10 V
2000
6000
V/mV
OUTPUT VOLTAGE SWING
VO
RL
≥ 10 kW±12
±13.0
V
POWER CONSUMPTION
Pd
VS =
±15 V, No Load
60
75
mW
NOTES
1OP77A: TCV
CS is 100% tested.
2Guaranteed by design.
ELECTRICAL SPECIFICATIONS (@ V
s =
15 V, –55 C
£ TA £ 125 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com