Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 12 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices OP77 Datasheet HTML 14Page - Analog Devices OP77 Datasheet HTML 15Page - Analog Devices OP77 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. C
OP77
–12–
RR
R
54
2
+
must =
R
R
3
1
Precision Current Sinks
OP77
VIN
V+
200
R1
RL
1
1W
IRF520
IO =
FULL SCALE OF 1V,
1A/V
IO
VIN
R1
VIN > OV
IO =
Figure 11. Positive Current Sink
OP77
VIN
V–
200
R1
RL
IRF520
IO =
VIN
R1
IO
VIN > OV
Figure 12. Positive Current Source
These simple high-current sinks require the load to float between
the power supply and the sink.
In these circuits, OP77’s high gain, high CMRR, and low TCVOS
ensure high accuracy.
OP77
R1
1.8k
2mA
D1
1N4579A
6.4V
5%
5ppm/ C
15V
2
3
4
6
7
R2
R3
3.6k
6.4k
EO = 10V
AVCL 1.6
Figure 13. High Stability Voltage Reference
This simple bootstrapped voltage reference provides a precise 10 V
virtually independent of changes in power supply voltage, ambi-
ent temperature and output loading. Correct Zener operating
current of exactly 2 mA is maintained by R1, a selected 5 ppm/
∞C
resistor, connected to the regulated output. Accuracy is prima-
rily determined by three factors: the 5 ppm/
∞C temperature
coefficient of D1, 1 ppm/
∞C ratio tracking of R2 and R3, and
operational amplifier VOS errors.
VOs errors, amplified by 1.6 (AVCL), appear at the output and
can be significant with most monolithic amplifiers. For example,
an ordinary amplifier with TCVOS of 5
mV/∞C contributes 0.8 ppm/
∞C of output error while the OP77, with TCVOS of 0.3 mV/∞C,
contributes but 0.05 ppm/
∞C of output error, thus effectively
eliminating TCVOS as an error consideration.
The high gain and low TCVOS assure accurate operation with
inputs from microvolts to volts. In this circuit, the signal always
OP77E
OP77E
VIN
+15V
2
3
6
7
–15V
0.1 F
C1
30pF
D1
1N4148
D2
2N4393
R3
2k
1k
VOUT
0 < VOUT < 10V
4
2
3
6
7
4
0.1 F
0.1 F
0.1 F
+15V
–15V
1k
Figure 14. Precision Absolute Value Amplifier
The high gain and low TCVOS assure accurate operation with
inputs from microvolts to volts. In this circuit, the signal always
appears as a common-mode signal to the op amps. The OP77E
CMRR of 1
V/V assures errors of less than 2 ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com