Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 10 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices OP77 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. C
OP77
–10–
50
200k
VO
VOS
4000
=
VO
OP77
Figure 1. Typical Offset Voltage Test Circuit
100
2.5M
VO
INPUT REFERRED NOISE
25,000
=
2
3
7
4
6
3.3k
4.7 F
10Hz FILTER)
(
V+
V–
OUTPUT
100
OP77
Figure 2. Typical Low-Frequency Noise Test Circuit
20k
2
3
7
4
6
V–
OUTPUT
INPUT
V+
+
–
1
8
OP77
Figure 3. Optional Offset Nulling Circuit
2
3
7
4
6
100k
+18V
10
10 F
0.1 F
10
OP77
0.1 F
10k
10k
10 F
–18V
1 PER BOARD
+
+
*
*
*
Figure 4. Burn-In Circuit
RL
1M
VX
10
VIN = 10V
100k
10k
–10V
+10V
0V
VX
VY
AVO 650V/mV
RL = 2k
~
TYPICAL
PRECISION OP AMP
NOTES
1. GAIN NOT CONSTANT. CAUSES NONLINEAR ERRORS.
2. AVO SPEC IS ONLY PART OF THE SOLUTION.
3. CHECK THE OP AMP PERFORMANCE, ESPECIALLY AT TEMPERATURES.
Figure 5. Open-Loop Gain Linearity
Actual open-loop voltage gain can vary greatly at various output
voltages. All automated testers use endpoint testing and therefore
only show the average gain. This causes errors in high closed-
loop gain circuits. Since this is so difficult for manufacturers to
test, users should make their own evaluation. This simple test
circuit makes it easy. An ideal op amp would show a horizontal
scope trace.
–10V
+10V
0V
VX
VY
AVO 650V/mV
RL = 2k
~
Figure 6. Output Gain Linearity Trace
This is the output gain linearity trace for the new OP77. The
output trace is virtually horizontal at all points, assuring extremely
high gain accuracy. The average open-loop gain is truly impres-
sive—approximately 10,000,000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com