Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 14 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 14 Page - Analog Devices

Back Button OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices OP77 Datasheet HTML 14Page - Analog Devices OP77 Datasheet HTML 15Page - Analog Devices OP77 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. C
OP77
–14–
+15V
7
–15V
4
0.1 F
0.1 F
OP77
VIN
1k
2
6
2k
CC
RF
D1
100k
VOUT
VTH
1N4148
3
RS
R1
Figure 17. Precision Threshold Detector/Amplifier
When VIN < VTH, amplifier output swings negative, reverse
biasing diode D1. VOUT = VTH if RL=
• when VIN > VTH, the
loop closes,
VV
V
V
R
R
OUT
TH
IN
TH
F
S
=+
() +
Ê
ËÁ
ˆ
¯˜
–1
CC is selected to smooth the response of the loop.
OP77
REF-02
VIN
GND
TEMP
TRIM
VO
RA
50k
1.5k
2
6
5
4
3
Rb1
Rbp
RC
VOUT
–15V
+15V
0.1 F
0.1 F
Figure 18. Precision Temperature Sensor
Table II. Resistor Values
TCVOUT SLOPE (S)
10 mV/
∞C 100 mV/∞C 10 mV/∞F
TEMPERATURE
–55
∞C to
–55
∞C to
–67
∞F to
RANGE
+125
∞C
+125
∞C
+257
∞C
OUTPUT VOLTAGE
–0.55 V to
–5.5 V to
–0.67 V to
RANGE
+1.25 V
+12.5V
+2.57V
ZERO-SCALE
0 V @ 0
∞C0 V @ 0∞C0 V @ 0 F
Ra (
±1% Resistor)
9.09 k
W
15 k
W
7.5 k
W
Rb1 (
±1% Resistor)
1.5 k
W
1.82 k
W
1.21 k
W
Rbp (Potentiometer)
200
W
500
W
200
W
Rc (
±1% Resistor)
5.11 k
W
84.5 k
W
8.25 k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com