Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS5822M
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5822M Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5822M Datasheet HTML 12Page - Texas Instruments TAS5822M Datasheet HTML 13Page - Texas Instruments TAS5822M Datasheet HTML 14Page - Texas Instruments TAS5822M Datasheet HTML 15Page - Texas Instruments TAS5822M Datasheet HTML 16Page - Texas Instruments TAS5822M Datasheet HTML 17Page - Texas Instruments TAS5822M Datasheet HTML 18Page - Texas Instruments TAS5822M Datasheet HTML 19Page - Texas Instruments TAS5822M Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
Frequency (Hz)
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
100
1k
10k
20
20k
PVDD=13.5V
TA=25°C
RL=6
BD Modulation
Ferrite Bead + Capacitor
Spread Spectrum Enable
FSW=384kHz
Load = 6
BTL Mode
175 kHz Class D Amplifier Loop Bandwidth
PO=1W
PO=2.5W
PO=5W
Figure 5-41. THD+N vs Frequency
Frequency (Hz)
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
100
1k
10k
20
20k
PVDD=13.5V
TA=25°C
RL=8
BD Modulation
Ferrite Bead + Capacitor
Spread Spectrum Enable
FSW=384kHz
Load = 8
BTL Mode
175 kHz Class D Amplifier Loop Bandwidth
PO=1W
PO=2.5W
PO=5W
Figure 5-42. THD+N vs Frequency
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
0.01
0.1
1
5
PVDD=5V
TA=25C
RL=4
BD Modulation
FSW=384kHz
PVDD = 5V
BTL Mode
120 kHz Class D Amplifier Loop Bandwidth
f=20Hz
f=1kHz
f=10kHz
Figure 5-43. THD+N vs Output Power
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
PVDD=13.5V
TA=25C
RL=4
BD Modulation
FSW=384kHz
PVDD = 13.5V
BTL Mode
120 kHz Class D Amplifier Loop Bandwidth
f=20Hz
f=1kHz
f=10kHz
Figure 5-44. THD+N vs Output Power
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
50
PVDD=18V
TA=25C
RL=4
BD Modulation
FSW=384kHz
PVDD = 18V
BTL Mode
120 kHz Class D Amplifier Loop Bandwidth
f=20Hz
f=1kHz
f=10kHz
Figure 5-45. THD+N vs Output Power
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
PVDD=13.5V
TA=25C
RL=6
BD Modulation
FSW=384kHz
PVDD = 13.5V
BTL Mode
120 kHz Class D Amplifier Loop Bandwidth
f=20Hz
f=1kHz
f=10kHz
Figure 5-46. THD+N vs Output Power
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com