Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 43 Page - Texas Instruments

Part # TAS5822M
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5822M Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5822M Datasheet HTML 39Page - Texas Instruments TAS5822M Datasheet HTML 40Page - Texas Instruments TAS5822M Datasheet HTML 41Page - Texas Instruments TAS5822M Datasheet HTML 42Page - Texas Instruments TAS5822M Datasheet HTML 43Page - Texas Instruments TAS5822M Datasheet HTML 44Page - Texas Instruments TAS5822M Datasheet HTML 45Page - Texas Instruments TAS5822M Datasheet HTML 46Page - Texas Instruments TAS5822M Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 106 page
background image
7.1.3 DEVICE_CTRL2 Register (Offset = 3h) [Reset = 10h]
DEVICE_CTRL2 is shown in Figure 7-3 and described in Table 7-5.
Return to the Summary Table.
Device control 2
Figure 7-3. DEVICE_CTRL2 Register
7
6
5
4
3
2
1
0
RESERVED
DSP_RST
CH1_MUTE
CH2_MUTE
STATE_CTL
R/W-0h
R/W-1h
R/W-0h
R/W-0h
R/W-0h
Table 7-5. DEVICE_CTRL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
0h
4
DSP_RST
R/W
1h
DSP reset
When the bit is made 0, DSP will start powering up and send out
data. This needs to be made 0 only after all the input clocks are
settled so that DMA channels do not go out of sync.
0: Normal operation
1: Reset the DSP
3
CH1_MUTE
R/W
0h
Mute Channel 1
This bit issues soft mute request for the ch1. The volume will be
smoothly ramped down/up to avoid pop/click noise.
0: Normal volume
1: Mute
2
CH2_MUTE
R/W
0h
Mute Channel 2
This bit issues soft mute request for the ch2. The volume will be
smoothly ramped down/up to avoid pop/click noise.
0: Normal volume
1: Mute
1-0
STATE_CTL
R/W
0h
Device state control register
00: Deep Sleep
01: Sleep
10: Hi-Z
11: PLAY
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com