Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5822M
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5822M Datasheet(HTML) 2 Page - Texas Instruments

  TAS5822M Datasheet HTML 1Page - Texas Instruments TAS5822M Datasheet HTML 2Page - Texas Instruments TAS5822M Datasheet HTML 3Page - Texas Instruments TAS5822M Datasheet HTML 4Page - Texas Instruments TAS5822M Datasheet HTML 5Page - Texas Instruments TAS5822M Datasheet HTML 6Page - Texas Instruments TAS5822M Datasheet HTML 7Page - Texas Instruments TAS5822M Datasheet HTML 8Page - Texas Instruments TAS5822M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 5
5.1 Absolute Maximum Ratings........................................ 5
5.2 ESD Ratings .............................................................. 5
5.3 Recommended Operating Conditions.........................5
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................6
5.6 Timing Requirements .................................................8
5.7 Typical Characteristics................................................ 8
6 Detailed Description......................................................21
6.1 Overview................................................................... 21
6.2 Functional Block Diagram......................................... 21
6.3 Feature Description...................................................22
6.4 Device Functional Modes..........................................28
6.5 Programming and Control.........................................32
7 Register Maps................................................................ 38
7.1 CONTROL PORT Registers..................................... 39
8 Application and Implementation.................................. 81
8.1 Application Information............................................. 81
8.2 Typical Applications.................................................. 83
8.3 Power Supply Recommendations.............................86
8.4 Layout....................................................................... 87
9 Device and Documentation Support............................91
9.1 Device Support......................................................... 91
9.2 Receiving Notification of Documentation Updates....91
9.3 Support Resources................................................... 91
9.4 Trademarks...............................................................91
9.5 Electrostatic Discharge Caution................................92
9.6 Glossary....................................................................92
10 Revision History.......................................................... 92
11 Mechanical, Packaging, and Orderable
Information.................................................................... 92
11.1 Tape and Reel Information...................................... 94
11.2 Mechanical Data..................................................... 96
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com