Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS5822M
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5822M Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5822M Datasheet HTML 32Page - Texas Instruments TAS5822M Datasheet HTML 33Page - Texas Instruments TAS5822M Datasheet HTML 34Page - Texas Instruments TAS5822M Datasheet HTML 35Page - Texas Instruments TAS5822M Datasheet HTML 36Page - Texas Instruments TAS5822M Datasheet HTML 37Page - Texas Instruments TAS5822M Datasheet HTML 38Page - Texas Instruments TAS5822M Datasheet HTML 39Page - Texas Instruments TAS5822M Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
6.5.3.2 Shutdown Procedures
1. The device is in normal operation.
2. Configure the Register DEVICE_CTRL2 Regsiter [1:0]=00 (DEEP SLEEP) via the I2C control port or Pull
PDN low.
3. The clocks can now be stopped and the power supplies brought down.
4. The device is now fully shutdown and powered off.
I
2S
I
2S
I
2S
I
2S
6ms
0ms
PDN
PVDD
I
2S
I
2C
DVDD
4.5V
0ms
I
2C
I
2C
I
2C
Output Hiz
6ms
A.
Before PVDD/DVDD power down, Class D Output driver needs to be disabled by PDN or by I2C.
B.
At least 6ms delay needed based on: LRCLK (Fs) = 48kHz, digital volume =24dB, digital volume ramp down by 0.5dB every sample
period. Changing the value of DIG_VOL_CTRL2 or DIG_VOL_CTRL3 registers or changing the or change the LRCLK rate will change
the delay time.
Figure 6-17. Power down sequence
6.5.3.3 Protection and Monitoring
6.5.3.3.1 Overcurrent Shutdown (OCSD)
Under severe short-circuit event, such as a short to PVDD or ground, the device uses a peak-current detector,
and the affected channel shuts down in < 100 ns if the peak current are enough. The shutdown speed depends
on a number of factors, such as the impedance of the short circuit, supply voltage, and switching frequency. The
user may restart the affected channel via I2C. An OCSD event activates the fault pin, and the I2C fault register
saves a record. If the supply or ground short is strong enough to exceed the peak current threshold but not
severe enough to trigger the OCSD, the peak current limiter prevents excess current from damaging the output
FETs, and operation returns to normal after the short is removed.
6.5.3.3.2 DC Detect
If the TAS5802 device measures a DC offset in the output voltage, the FAULTZ line is pulled low and the OUTxx
outputs transition to high impedance, signifying a fault.
6.5.3.3.3 Device Over Temperature Protection
Once the die temperature exceed 160°C (Typical), device will set the output driver from Play mode to Hi-Z
Mode. Over temperature shutdown fault reported by GLOBAL_FAULT2 Register (Offset = 72h) [Reset = 00h] in
Book0/Page0. Set this fault's behavior to Auto-recovery mode, device will come back to play mode automatically
once the die temperature drop down to 150°C or device needs re-enter into play mode by clearing fault with
FAULT_CLEAR Register (Offset = 78h) [Reset = 00h] in Book0/Page0.
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com