Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 46 Page - Texas Instruments

Part # TAS5822M
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5822M Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS5822M Datasheet HTML 42Page - Texas Instruments TAS5822M Datasheet HTML 43Page - Texas Instruments TAS5822M Datasheet HTML 44Page - Texas Instruments TAS5822M Datasheet HTML 45Page - Texas Instruments TAS5822M Datasheet HTML 46Page - Texas Instruments TAS5822M Datasheet HTML 47Page - Texas Instruments TAS5822M Datasheet HTML 48Page - Texas Instruments TAS5822M Datasheet HTML 49Page - Texas Instruments TAS5822M Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
7.1.6 CLOCK_DET_CTRL Register (Offset = 29h) [Reset = 00h]
CLOCK_DET_CTRL is shown in Figure 7-6 and described in Table 7-8.
Return to the Summary Table.
Clock detection control
Figure 7-6. CLOCK_DET_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
DET_PLL
BCLK_RANGE
DET_FS
DET_BCLK
DET_BCLKMIS
S
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 7-8. CLOCK_DET_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
6
DET_PLL
R/W
0h
Ignore PLL overate Detection
This bit controls whether to ignore the PLL overrate detection. The
PLL must be slow than 150MHz or an error will be reported. When
ignored, a PLL overrate error will not cause a clock error.
0: Regard PLL overrate detection
1: Ignore PLL overrate detection
5
BCLK_RANGE
R/W
0h
Ignore BCLK Range Detection
This bit controls whether to ignore the BCLK range detection. The
BCLK must be stable between 256kHz and 50MHz or an error will be
reported. When ignored, a BCLK range error will not cause a clock
error.
0: Regard BCLK Range detection
1: Ignore BCLK Range detection
4
DET_FS
R/W
0h
Ignore FS Error Detection
This bit controls whether to ignore the FS Error detection. When
ignored, FS error will not cause a clock error. But CLKDET_STATUS
will report fs error.
0: Regard FS detection
1: Ignore FS detection
3
DET_BCLK
R/W
0h
Ignore BCLK Detection
This bit controls whether to ignore the BCLK detection against
LRCLK. The BCLK must be stable between 32FS and 512FS
inclusive or an error will be reported. When ignored, a BCLK error
will not cause a clock error.
0: Regard BCLK detection
1: Ignore BCLK detection
2
DET_BCLKMISS
R/W
0h
Ignore BCLK Missing Detection
This bit controls whether to ignore the BCLK missing detection.
When ignored an BCLK missing will not cause a clock error.
0: Regard BCLK missing detection
1: Ignore BCLK missing detection
1-0
RESERVED
R/W
0h
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com