Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 66 Page - Texas Instruments

Part # TAS5822M
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5822M Datasheet(HTML) 66 Page - Texas Instruments

Back Button TAS5822M Datasheet HTML 62Page - Texas Instruments TAS5822M Datasheet HTML 63Page - Texas Instruments TAS5822M Datasheet HTML 64Page - Texas Instruments TAS5822M Datasheet HTML 65Page - Texas Instruments TAS5822M Datasheet HTML 66Page - Texas Instruments TAS5822M Datasheet HTML 67Page - Texas Instruments TAS5822M Datasheet HTML 68Page - Texas Instruments TAS5822M Datasheet HTML 69Page - Texas Instruments TAS5822M Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 106 page
background image
7.1.26 ADR_SEL Register (Offset = 61h) [Reset = 00h]
ADR_SEL is shown in Figure 7-26 and described in Table 7-28.
Return to the Summary Table.
ADR output selection
Figure 7-26. ADR_SEL Register
7
6
5
4
3
2
1
0
RESERVED
ADR_SEL
R/W-0h
R/W-0h
Table 7-28. ADR_SEL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
0h
4-0
ADR_SEL
R/W
0h
b'00000: off (low)
b'00011: Auto mute flag (asserted when both L and R channels are
auto muted)
b'00100: Auto mute flag for left channel
b'00101: Auto mute flag for right channel
b'00110: Clock invalid flag (clock error or clock missing)
b'00111: PLL lock flag
b'01000: Warning
b'01001: Serial audio interface data output (SDOUT)
b'01011: ADR as FAULTZ output
Others: reserved
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
66
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com