Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 1 Page - Analog Devices

  AD8620 Datasheet HTML 1Page - Analog Devices AD8620 Datasheet HTML 2Page - Analog Devices AD8620 Datasheet HTML 3Page - Analog Devices AD8620 Datasheet HTML 4Page - Analog Devices AD8620 Datasheet HTML 5Page - Analog Devices AD8620 Datasheet HTML 6Page - Analog Devices AD8620 Datasheet HTML 7Page - Analog Devices AD8620 Datasheet HTML 8Page - Analog Devices AD8620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision, Very Low Noise,
Low Input Bias Current, Wide
Bandwidth JFET Operational Amplifier
AD8610/AD8620
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise: 6 nV/√Hz
Low offset voltage: 100 μV maximum
Low input bias current: 10 pA maximum
Fast settling: 600 ns to 0.01%
Low distortion
Unity gain stable
No phase reversal
Dual-supply operation: ±5 V to ±13 V
APPLICATIONS
Photodiode amplifier
ATE
Instrumentation
Sensors and controls
High performance filters
Fast precision integrators
High performance audio
PIN CONFIGURATIONS
NC = NO CONNECT
AD8610
TOP VIEW
(Not to Scale)
NULL 1
–IN
2
+IN
3
V–
4
NC
V+
OUT
NULL
8
7
6
5
Figure 1. AD8610 8-Lead MSOP and SOIC_N
AD8620
TOP VIEW
(Not to Scale)
OUTA 1
–INA 2
+INA 3
V–
4
V+
OUTB
–INB
+INB
8
7
6
5
Figure 2.AD8620 8-Lead SOIC
GENERAL DESCRIPTION
The AD8610/AD8620 are very high precision JFET input ampli-
fiers featuring ultralow offset voltage and drift, very low input
voltage and current noise, very low input bias current, and wide
bandwidth. Unlike many JFET amplifiers, the AD8610/AD8620
input bias current is low over the entire operating temperature
range. The AD8610/AD8620 are stable with capacitive loads of
over 1000 pF in noninverting unity gain; much larger capacitive
loads can be driven easily at higher noise gains. The AD8610/
AD8620 swing to within 1.2 V of the supplies even with a 1 kΩ
load, maximizing dynamic range even with limited supply volt-
ages. Outputs slew at 50 V/μs in either inverting or noninverting
gain configurations, and settle to 0.01% accuracy in less than
600 ns. Combined with high input impedance, great precision
and very high output drive, the AD8610/AD8620 are ideal
amplifiers for driving high performance ADC inputs and
buffering DAC converter outputs.
Applications for the AD8610/AD8620 include electronic instru-
ments; ATE amplification, buffering, and integrator circuits;
CAT/MRI/ultrasound medical instrumentation; instrumentation
quality photodiode amplification; fast precision filters (including
PLL filters); and high quality audio.
The AD8610/AD8620 are fully specified over the extended
industrial (−40°C to +125°C) temperature range. The AD8610
is available in the narrow 8-lead SOIC and the tiny 8-lead MSOP
surface-mount packages. The AD8620 is available in the narrow
8-lead SOIC package. 8-lead MSOP packaged devices are avail-
able only in tape and reel.


Similar Part No. - AD8620

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
2/04-Data Sheet changed from REV. C to REV. D.
AD8620 AD-AD8620 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD8620 AD-AD8620 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
AD8620 AD-AD8620 Datasheet
780Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. F
AD8620AR AD-AD8620AR Datasheet
414Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
2/04-Data Sheet changed from REV. C to REV. D.
More results

Similar Description - AD8620

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610 Datasheet
41Kb / 4P
Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
AD8510 AD-AD8510 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
AD8620 AD-AD8620 Datasheet
414Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
2/04-Data Sheet changed from REV. C to REV. D.
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com