Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8620 Datasheet HTML 10Page - Analog Devices AD8620 Datasheet HTML 11Page - Analog Devices AD8620 Datasheet HTML 12Page - Analog Devices AD8620 Datasheet HTML 13Page - Analog Devices AD8620 Datasheet HTML 14Page - Analog Devices AD8620 Datasheet HTML 15Page - Analog Devices AD8620 Datasheet HTML 16Page - Analog Devices AD8620 Datasheet HTML 17Page - Analog Devices AD8620 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8610/AD8620
Driving Large Capacitive Loads
+5V
The AD8610/AD8620 have excellent capacitive load driving
capability and can safely drive up to 10 nF when operating with
±5 V supply. Figure 44 and Figure 45 compare the AD8610/
AD8620 against the OPA627 in the noninverting gain configu­
VIN = 50mV
2kΩ
2kΩ
–5V
2µF
3
2
7
4
ration driving a 10 kΩ resistor and 10,000 pF capacitor placed
Figure 46. Capacitive Load Drive Test Circuit
in parallel on its output, with a square wave input set to a frequency
of 200 kHz. The AD8610/AD8620 have much less ringing than
the OPA627 with heavy capacitive loads.
TIME (20µs/DIV)
VS = ±5V
RL = 10kΩ
CL = 2µF
TIME (2µs/DIV)
VS = ±5V
RL = 10kΩ
CL = 10,000pF
VS = ±5V
RL = 10kΩ
CL = 2µF
Figure 47. OPA627 Capacitive Load Drive, AV = +2
Figure 44. OPA627 Driving CL = 10,000 pF
VS = ±5V
RL = 10kΩ
CL = 10,000pF
TIME (20µs/DIV)
Figure 48. AD8610/AD8620 Capacitive Load Drive, AV = +2
TIME (2µs/DIV)
Figure 45. AD8610/AD8620 Driving CL = 10,000 pF
The AD8610/AD8620 can drive much larger capacitances
without any external compensation. Although the AD8610/
AD8620 are stable with very large capacitive loads, remember
that this capacitive loading limits the bandwidth of the amplifier.
Heavy capacitive loads also increase the amount of overshoot
and ringing at the output. Figure 47 and Figure 48 show the
AD8610/AD8620 and the OPA627 in a noninverting gain of +2
driving 2 μF of capacitance load. The ringing on the OPA627 is
much larger in magnitude and continues 10 times longer than
the AD8610/AD8620.
Rev. E | Page 14 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com