Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8620 Datasheet HTML 14Page - Analog Devices AD8620 Datasheet HTML 15Page - Analog Devices AD8620 Datasheet HTML 16Page - Analog Devices AD8620 Datasheet HTML 17Page - Analog Devices AD8620 Datasheet HTML 18Page - Analog Devices AD8620 Datasheet HTML 19Page - Analog Devices AD8620 Datasheet HTML 20Page - Analog Devices AD8620 Datasheet HTML 21Page - Analog Devices AD8620 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8610/AD8620
The AD8610/AD8620 maintain this fast settling when loaded
10
0.00001
0.0001
0.001
0.01
0.1
VCC
VEE
with large capacitive loads as shown in Figure 62.
3.0
ERROR BAND = ±0.01%
2.5
1
2.0
1.5
1.0
0.1
0.5
1
LOAD CURRENT (A)
Figure 64. AD8610/AD8620 Dropout from ±13 V vs. Load Current
0
0
500
1000
1500
2000
CL (pF)
10
VEE
VCC
Figure 62. AD8610/AD8620 Settling Time vs. Load Capacitance
3.0
ERROR BAND = ±0.01%
2.5
1
2.0
1.5
1.0
0.1
0.5
0.00001
0.0001
0.001
0.01
0.1
1
LOAD CURRENT (A)
Figure 65. OPA627 Dropout from ±15 V vs. Load Current
0
0
500
1000
1500
2000
CL (pF)
Although operating conditions imposed on the AD8610/AD8620
(±13 V) are less favorable than the OPA627 (±15 V), it can be
seen that the AD8610/AD8620 have much better drive capability
(lower headroom to the supply) for a given load current.
Operating with Supplies Greater than ±13 V
The AD8610/AD8620 maximum operating voltage is specified
at ±13 V. When ±13 V is not readily available, an inexpensive
LDO can provide ±12 V from a nominal ±15 V supply.
Figure 63. OPA627 Settling Time vs. Load Capacitance
Output Current Capability
The AD8610/AD8620 can drive very heavy loads due to its
high output current. It is capable of sourcing or sinking 45 mA
at ±10 V output. The short circuit current is quite high and the
part is capable of sinking about 95 mA and sourcing over 60 mA
while operating with supplies of ±5 V. Figure 64 and Figure 65
compare the load current vs. output voltage of AD8610/
AD8620 and OPA627.
Rev. E | Page 18 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com