Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8620 Datasheet HTML 16Page - Analog Devices AD8620 Datasheet HTML 17Page - Analog Devices AD8620 Datasheet HTML 18Page - Analog Devices AD8620 Datasheet HTML 19Page - Analog Devices AD8620 Datasheet HTML 20Page - Analog Devices AD8620 Datasheet HTML 21Page - Analog Devices AD8620 Datasheet HTML 22Page - Analog Devices AD8620 Datasheet HTML 23Page - Analog Devices AD8620 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8610/AD8620
High Speed Instrumentation Amplifier
The three op amp instrumentation amplifiers shown in Figure 68
can provide a range of gains from unity up to 1000 or higher. The
instrumentation amplifier configuration features high common-
mode rejection, balanced differential inputs, and stable, accurately
defined gain. Low input bias currents and fast settling are achieved
with the JFET input AD8610/AD8620. Most instrumentation
amplifiers cannot match the high frequency performance of this
circuit. The circuit bandwidth is 25 MHz at a gain of 1, and close to
5 MHz at a gain of 10. Settling time for the entire circuit is 550 ns to
0.01% for a 10 V step (gain = 10). Note that the resistors around
the input pins need to be small enough in value so that the RC
time constant they form in combination with stray circuit capaci­
tance does not reduce circuit bandwidth.
V+
In active filter applications using operational amplifiers, the dc
accuracy of the amplifier is critical to optimal filter performance.
The offset voltage and bias current of the amplifier contribute to
out-put error. Input offset voltage is passed by the filter, and can
be amplified to produce excessive output offset. For low frequency
applications requiring large value input resistors, bias and offset
currents flowing through these resistors also generate an offset
voltage.
At higher frequencies, the dynamic response of the amplifier
must be carefully considered. In this case, slew rate, bandwidth,
and open-loop gain play a major role in amplifier selection. The
slew rate must be both fast and symmetrical to minimize
distortion. The bandwidth of the amplifier, in conjunction with the
gain of the filter, dictates the frequency response of the filter. The
use of high performance amplifiers such as the AD8610/AD8620
minimizes both dc and ac errors in all active filter applications.
1/2 AD8620
R2
1kΩ
R4
2kΩ
C4
15pF
VOUT
R8
2kΩ
R7
2kΩ
R1
1kΩ
C5
10pF
V–
V+
AD8610
U2
C3
15pF
R5
2kΩ
R6
2kΩ
VIN1
V–
1/2 AD8620
U1
RG
5
6
7
U1
7
4
6
3
2
8
4
1
3
2
Second-Order Low-Pass Filter
Figure 69 shows the AD8610 configured as a second-order,
Butterworth, low-pass filter. With the values as shown, the corner
frequency of the filter is 1 MHz. The wide bandwidth of the
AD8610/AD8620 allows a corner frequency up to tens of mega­
hertz. The following equations can be used for component
selection:
R1 = R2 = User Selected
(TypicalValues:10 kΩ−100 kΩ)
1.414
C1 = ()
2π
(f
CUTOFF ()
) R1
0.707
C2 = ()
2π
(f
CUTOFF )()
R1
where C1 and C2 are in farads.
VIN2
AD8610
7
4
6
1
5
2
3
+13V
–13V
C1
22pF
R1
10kΩ
U1
R2
10kΩ
C2
10pF
VIN
C2
VOUT
Figure 68. High Speed Instrumentation Amplifier
11pF
High Speed Filters
The four most popular configurations are Butterworth, Elliptical,
Bessel (Thompson), and Chebyshev. Each type has a response
Figure 69. Second-Order Low-Pass Filter
that is optimized for a given characteristic as shown in Table 6.
Table 6. Filter Types
Type
Sensitivity
Overshoot
Phase
Amplitude (Pass Band)
Butterworth
Chebyshev
Elliptical
Bessel (Thompson)
Moderate
Good
Best
Poor
Good
Moderate
Poor
Best
Nonlinear
Linear
Max Flat
Equal Ripple
Equal Ripple
Rev. E | Page 20 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com