Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8620 Datasheet HTML 6Page - Analog Devices AD8620 Datasheet HTML 7Page - Analog Devices AD8620 Datasheet HTML 8Page - Analog Devices AD8620 Datasheet HTML 9Page - Analog Devices AD8620 Datasheet HTML 10Page - Analog Devices AD8620 Datasheet HTML 11Page - Analog Devices AD8620 Datasheet HTML 12Page - Analog Devices AD8620 Datasheet HTML 13Page - Analog Devices AD8620 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8610/AD8620
100
GAIN = +10
GAIN = +100
GAIN = +1
VS = ±5V
VS = ±13V
VIN p-p = 1.8µV
TIME (1s/DIV)
90
80
70
60
50
40
30
20
10
0
0
10
100
10k
1k
+OS
–OS
VS = ±13V
RL = 2kΩ
VIN = 100mV p-p
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 27. 0.1 Hz to 10 Hz Input Voltage Noise
Figure 30. ZOUT vs. Frequency
VS = ±13V
1
10
100
10k
100k
1k
1M
3000
1000
0
25
125
85
2500
2000
100
1500
10
1000
500
1
0
FREQUENCY (Hz)
TEMPERATURE (°C)
Figure 28. Input Voltage Noise Density vs. Frequency
Figure 31. Input Bias Current vs. Temperature
100
40
10k
100k
1k
100M
10M
1M
GAIN = +10
GAIN = +100
GAIN = +1
VS = ±13V
90
35
80
30
25
20
15
10
70
60
50
40
30
20
10
0
5
0
FREQUENCY (Hz)
CAPACITANCE (pF)
Figure 29. ZOUT vs. Frequency
Figure 32. Small Signal Overshoot vs. Load Capacitance
Rev. E | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com