Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8620 Datasheet HTML 12Page - Analog Devices AD8620 Datasheet HTML 13Page - Analog Devices AD8620 Datasheet HTML 14Page - Analog Devices AD8620 Datasheet HTML 15Page - Analog Devices AD8620 Datasheet HTML 16Page - Analog Devices AD8620 Datasheet HTML 17Page - Analog Devices AD8620 Datasheet HTML 18Page - Analog Devices AD8620 Datasheet HTML 19Page - Analog Devices AD8620 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8610/AD8620
The slew rate of the AD8610/AD8620 is double that of the
Input Overvoltage Protection
OPA627 when configured in a unity gain of +1 (see Figure 53
When the input of an amplifier is driven below VEE or above
and Figure 54).
VCC by more than one VBE, large currents flow from the sub­
strate through the negative supply (V–) or the positive supply
VS = ±13V
RL = 2kΩ
(V+), respectively, to the input pins and can destroy the device.
G= +1
If the input source can deliver larger currents than the maximum
forward current of the diode (>5 mA), a series resistor can be
added to protect the inputs. With its very low input bias and
offset current, a large series resistor can be placed in front of
the AD8610/AD8620 inputs to limit current to below damaging
SR = 85V/µs
levels. Series resistance of 10 kΩ generates less than 25 μV of offset.
This 10 kΩ allows input voltages more than 5 V beyond either
power supply. Thermal noise generated by the resistor adds
7.5 nV/√Hz to the noise of the AD8610/AD8620. For the AD8610/
AD8620, differential voltages equal to the supply voltage do not
cause any problem (see Figure 55). In this context, please note that
TIME (400ns/DIV)
the high breakdown voltage of the input FETs eliminates the need
Figure 53. +Slew Rate of AD8610/AD8620 in Unity Gain of +1
to include clamp diodes between the inputs of the amplifier, a prac-
VS = ±13V
tice that is mandatory on many precision op amps. Unfortunately,
RL = 2kΩ
G= +1
clamp diodes greatly interfere with many application circuits
such as precision rectifiers and comparators. The AD8610/
AD8620 are free from these limitations.
+13V
3
7
6
2
–13V
4
AD8610
V1
14V
SR = 23V/µs
0
Figure 56. Unity Gain Follower
No Phase Reversal
Many amplifiers misbehave when one or both of the inputs are
TIME (400ns/DIV)
Figure 54. +Slew Rate of OPA627 in Unity Gain of +1
forced beyond the input common-mode voltage range. Phase
reversal is typified by the transfer function of the amplifier, effect-
The slew rate of an amplifier determines the maximum frequency
tively reversing its transfer polarity. In some cases, this can cause
at which it can respond to a large signal input. This frequency
lockup and even equipment damage in servo systems, and can
(known as full-power bandwidth or FPBW) can be calculated
cause permanent damage or no recoverable parameter shifts to
for a given distortion (for example, 1%) from the equation:
the amplifier itself. Many amplifiers feature compensation cir-
SR
cuitry to combat these effects, but some are only effective for
FPBW =
the inverting input. The AD8610/AD8620 are designed to prevent
(2π ×V
PEAK )
phase reversal when one or both inputs are forced beyond their
input common-mode voltage range.
CH1 = 20.8V p-p
CH2 = 19.4V p-p
VOUT
VIN
0V
0V
TIME (400ns/DIV)
Figure 55. AD8610 FPBW
TIME (400µs/DIV)
Figure 57. No Phase Reversal
Rev. E | Page 16 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com