Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8620 Datasheet HTML 16Page - Analog Devices AD8620 Datasheet HTML 17Page - Analog Devices AD8620 Datasheet HTML 18Page - Analog Devices AD8620 Datasheet HTML 19Page - Analog Devices AD8620 Datasheet HTML 20Page - Analog Devices AD8620 Datasheet HTML 21Page - Analog Devices AD8620 Datasheet HTML 22Page - Analog Devices AD8620 Datasheet HTML 23Page - Analog Devices AD8620 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8610/AD8620
OUTLINE DIMENSIONS
3.20
4
8
1
5
PIN 1
3.00
2.80
3.20
3.00
2.80
5.15
4.90
4.65
0.65 BSC
0.95
0.85
1.10 MAX
0.75
0.80
8°
0.15
0.38
0.22
0.60
0.23
0.08
0°
0.40
0.00
COPLANARITY
SEATING
0.10
PLANE
COMPLIANT TO JEDEC STANDARDS MO-187-AA
Figure 71. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
5.00 (0.1968)
4.80 (0.1890)
6.20 (0.2440)
4.00 (0.1574)
5.80 (0.2284)
3.80 (0.1497)
4
1
8
5
1.27 (0.0500)
0.50 (0.0196)
45°
BSC
1.75 (0.0688)
0.25 (0.0099)
1.35 (0.0532)
0.25 (0.0098)
8°
0.10 (0.0040)
0°
0.51 (0.0201)
COPLANARITY
1.27 (0.0500)
0.10
SEATING
0.31 (0.0122)
0.25 (0.0098)
0.40 (0.0157)
PLANE
0.17 (0.0067)
COMPLIANT TO JEDEC STANDARDS MS-012-AA
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
Figure 72. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
Model
Temperature Range
Package Description
Package Option
Branding
AD8610AR
AD8610AR-REEL
AD8610AR-REEL7
AD8610ARZ1
AD8610ARZ-REEL1
AD8610ARZ-REEL71
AD8610ARM-REEL
AD8610ARM-R2
AD8610ARMZ-REEL1
AD8610ARMZ-R21
AD8610BR
AD8610BR-REEL
AD8610BR-REEL7
AD8610BRZ1
AD8610BRZ-REEL1
AD8610BRZ-REEL71
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead MSOP
8-Lead MSOP
8-Lead MSOP
8-Lead MSOP
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
R-8
R-8
R-8
R-8
R-8
R-8
RM-8
RM-8
RM-8
RM-8
R-8
R-8
R-8
R-8
R-8
R-8
B0A
B0A
B0A#
B0A#
AD8620AR
AD8620AR-REEL
AD8620AR-REEL7
AD8620ARZ1
AD8620ARZ-REEL1
AD8620ARZ-REEL71
AD8620BR
AD8620BR-REEL
AD8620BR-REEL7
AD8620BRZ1
AD8620BRZ-REEL1
AD8620BRZ-REEL71
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
–40°C to +125°C
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
8-Lead SOIC_N
R-8
R-8
R-8
R-8
R-8
R-8
R-8
R-8
R-8
R-8
R-8
R-8
1 Z = Pb-free part, # denotes lead-free product can be top or bottom marked.
Rev. E | Page 22 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com