Electronic Components Datasheet Search
  English  ▼

X  

DA9080 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA9080
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 35Page - Renesas Technology Corp DA9080 Datasheet HTML 36Page - Renesas Technology Corp DA9080 Datasheet HTML 37Page - Renesas Technology Corp DA9080 Datasheet HTML 38Page - Renesas Technology Corp DA9080 Datasheet HTML 39Page - Renesas Technology Corp DA9080 Datasheet HTML 40Page - Renesas Technology Corp DA9080 Datasheet HTML 41Page - Renesas Technology Corp DA9080 Datasheet HTML 42Page - Renesas Technology Corp DA9080 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
DA9080 Datasheet
R16DS0519EJ0340 Rev. 3.4
Mar 24, 2025
CFR0011-120-00
Page 39
Slot 1
3.3V
1.8V
3.3V
Slot 2
Slot 3
Slot 4
1.2V
1.0V
UVLO
Slot 1 : Buck1
Slot 2 : LDO
Slot 3 : Buck2 and Buck3
Slot 4 : Buck4
PG1 Group : BUCK1, LDO
PG2 Group : BUCK2, BUCK3, BUCK4
tFALL_DEB
10µs
tPG1_2
10ms
PG1
PG2
tPG1_2
10ms
UVLO after
Debounder
VSYS
3.8V
UV_CURRENT
Bit
3.6V
4.4V
4.6V
tRISE_DEB
1ms
tFALL_DEB
10µs
UV_FLAG
Bit
-2.5mV/usec
-2.5mV/usec
-1.25mV/usec
-1.25mV/usec
BUCK1
LDO
BUCK2
BUCK3
BUCK4
tLDO_OFF
1.3ms
tHICCUP
64ms
Figure 43. Timing Diagram Example for Power-Down by UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com