Electronic Components Datasheet Search
  English  ▼

X  

DA9080 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA9080
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 7Page - Renesas Technology Corp DA9080 Datasheet HTML 8Page - Renesas Technology Corp DA9080 Datasheet HTML 9Page - Renesas Technology Corp DA9080 Datasheet HTML 10Page - Renesas Technology Corp DA9080 Datasheet HTML 11Page - Renesas Technology Corp DA9080 Datasheet HTML 12Page - Renesas Technology Corp DA9080 Datasheet HTML 13Page - Renesas Technology Corp DA9080 Datasheet HTML 14Page - Renesas Technology Corp DA9080 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
DA9080 Datasheet
R16DS0519EJ0340 Rev. 3.4
Mar 24, 2025
CFR0011-120-00
Page 11
5.
Specifications
5.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, so functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specification are not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
Table 3: Absolute maximum ratings
Parameter
Description
Conditions
Min
Max
Unit
TSTG
Storage temperature
-60
150
°C
TJ
Operating ambient temperature
-40
150
°C
VSYS
System supply voltage
Referenced to AGND
-0.3
6
V
LXDC
Switching node
DC
-0.3
6
V
LXAC
Switching node
AC, less than 10 ns
-2
8
V
VPIN
All other pins
Referenced to AGND
-0.3
6
V
5.2
Electrostatic Discharge Ratings
Table 4. Electrostatic Discharge Ratings
Parameter
Description
Conditions
Rating
Unit
VESD_HBM
Maximum ESD protection
Human body model (HBM)
All exposed pins
2
kV
VESD_CDM
Maximum ESD protection
Charged device model (CDM)
0.5
kV
5.3
Recommended Operating Conditions
Table 5: Recommended operating conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
VSYS
Input supply voltage
4
5.5
V
VPIN
Voltage on all other pins
-0.3
VIN+0.3
V
VDDIO
I2C enable voltage
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com