Electronic Components Datasheet Search
  English  ▼

X  

DA9080 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA9080
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 61Page - Renesas Technology Corp DA9080 Datasheet HTML 62Page - Renesas Technology Corp DA9080 Datasheet HTML 63Page - Renesas Technology Corp DA9080 Datasheet HTML 64Page - Renesas Technology Corp DA9080 Datasheet HTML 65Page - Renesas Technology Corp DA9080 Datasheet HTML 66Page - Renesas Technology Corp DA9080 Datasheet HTML 67Page - Renesas Technology Corp DA9080 Datasheet HTML 68Page - Renesas Technology Corp DA9080 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
DA9080 Datasheet
R16DS0519EJ0340 Rev. 3.4
Mar 24, 2025
CFR0011-120-00
Page 65
A.
ECAD Design Information
This appendix contains information that supports the development of the PCB ECAD model for this device. It is
intended to be used by PCB designers.
A.1 Part Number Indexing
Orderable Part
Number
Number of
Pins
Package Type
Package Code/POD Number
DA9080-xxFCB2
32
FCQFN
FQ0032AA/PSC-5139-01
DA9080-xxFCBC
32
FCQFN
FQ0032AA/PSC-5139-01
1.
xx: OTP variant
A.2 Symbol Pin Information
A.2.1
32-FCQFN
Pin Number
Primary Pin Name
Primary Electrical Type
Alternate Pin Name(s)
1
VDDIO
Power
-
2
SDA
I/O
-
3
SCL
Input
-
4
NC
Passive
-
5
PG1
Output
-
6
EN
Input
-
7
LDOIN
Power
-
8
LDOOUT
Power
-
9
FB2
Input
-
10
PGND2
Power
-
11
LX2
Power
-
12
PVIN2
Power
-
13
PVIN4
Power
-
14
LX4
Power
-
15
LX4
Power
-
16
LX4
Power
-
17
PGND4
Power
-
18
PGND4
Power
-
19
FB4
Input
-
20
PG2
Output
-
21
AN1
Input
-
22
AN0
Input
-
23
AGND
Power
-
24
VSYS
Power
-
25
FB1
Input
-
26
PGND1
Power
-
27
LX1
Power
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com