Electronic Components Datasheet Search
  English  ▼

X  

DA9080 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA9080
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 36Page - Renesas Technology Corp DA9080 Datasheet HTML 37Page - Renesas Technology Corp DA9080 Datasheet HTML 38Page - Renesas Technology Corp DA9080 Datasheet HTML 39Page - Renesas Technology Corp DA9080 Datasheet HTML 40Page - Renesas Technology Corp DA9080 Datasheet HTML 41Page - Renesas Technology Corp DA9080 Datasheet HTML 42Page - Renesas Technology Corp DA9080 Datasheet HTML 43Page - Renesas Technology Corp DA9080 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
DA9080 Datasheet
R16DS0519EJ0340 Rev. 3.4
Mar 24, 2025
CFR0011-120-00
Page 40
9.2
Fault Protection
9.2.1
Over-Voltage, Under-Voltage, and Over-Current Protection
Each buck has over-voltage (OV), under-voltage (UV), and over-current (OC) fault protection.
Each buck has a current limit, IPOSLIM. When the current limit is reached, the BUCK<x>_OC_EVENT bit in the
PMC_CH_OC register is set to 0x1. Although the shutdown operation is not executed by the OC fault protection,
if the current is exceeding IPOSLIM, the output voltage falls below VTHR_UVP_FALL.
When the buck output drops below VTHR_UVP_FALL, or increases above VTHR_OVP_RISE, the BUCK<x>_PG_STAT bit
in the PMC_PGOOD_UV register is set to 0x0. Additionally, BUCK<x>_UV_EVENT, or BUCK<x>_OV_EVENT,
bit is set as 0x1 in its respective register. (PMC_CH_UV or PMC_CH_OV).
The LDO has under-voltage (UV) and over-current (OC) fault protection. When either of these conditions are
met, status bits are set to 0x1 in dedicated registers, in a similar way to the bucks.
A supply voltage fault condition, on any supply, causes a power down and all supplies are disabled. The
sequencer is run with reverse slot order. Supplies assigned to slot four are disabled first.
A re-start is initiated, after a blanking time, with a hiccup behavior. The outputs are discharged by the internal
pull-down resistors prior to being enabled again.
The UV, OV and OC register bits are sticky and remain set through a hiccup cycle, see Figure 44. The register
bits are only cleared on a register write of 1.
9.2.2
Thermal Shutdown
DA9080 also has a thermal shutdown (TSD) function. When the die temperature goes above 140 °C (typ)
(TTHR_SHDN), all the regulator outputs and the GPADC are shutdown. The sequencer is run with reverse slot
order. Supplies assigned to slot four are disabled first.
The TSD event is recorded in a register OVERTEMP_EVENT bit<7> in PMC_CH_OC (0x01).
When the die temperature goes below 125 °C(typ), the start-up sequence is restarted.
Note that the I2C communication is halted during TSD, the OVERTEMP_EVENT bit cannot be read back at this
time. The host should check the OVERTEMP_EVENT bit after the device has recovered from TSD. The
OVERTEMP_EVENT bit is sticky and is cleared by over-writing the bit with 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com