Electronic Components Datasheet Search
  English  ▼

X  

DA9080 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA9080
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 17Page - Renesas Technology Corp DA9080 Datasheet HTML 18Page - Renesas Technology Corp DA9080 Datasheet HTML 19Page - Renesas Technology Corp DA9080 Datasheet HTML 20Page - Renesas Technology Corp DA9080 Datasheet HTML 21Page - Renesas Technology Corp DA9080 Datasheet HTML 22Page - Renesas Technology Corp DA9080 Datasheet HTML 23Page - Renesas Technology Corp DA9080 Datasheet HTML 24Page - Renesas Technology Corp DA9080 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
DA9080 Datasheet
R16DS0519EJ0340 Rev. 3.4
Mar 24, 2025
CFR0011-120-00
Page 21
5.5.6
ADC Characteristics
Table 12: ADC Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical performance
VIN
AN0/1 Input voltage range
0
5.1
V
RIN
AN0/1 Input Resistance
1.235
MΩ
M
ADC resolution
8
bit
VERR_RT
Total conversion error
AN0/1 = 0.05 V to 5.1 V
TA = 25 °C
-20
20
mV
VERR
Total conversion error
AN0/1 = 0.05 V to 5.1 V
-40
40
mV
VOFS
0 V input offset error
AN0/1 = 0 V
-40
50
mV
DNL
Differential non-linearity
AN0/1 = 0.05 V to 5.1 V
-1
1
LSB
INL
Integral non-linearity
AN0/1 = 0.05 V to 5.1 V
-2
2
LSB
VRES
Voltage resolution
With respect to AN0/1
20
mV/LS
B
TRES_SENSE
Temperature sensor resolution
Per step
-1.97
°C/step
tACQ_TOT
Total acquisition Time
100
μs
IQ
Quiescent current
ADC enabled
160
μA
5.5.7
Supervision Characteristics
Table 13: Supervision Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical performance
tFALL_DEB
VSYS UVLO/VINGOOD Falling
Debounce time
10
μs
tRISE_DEB
VSYS UVLO/VINGOOD Rising
Debounce time
1
ms
VTHR_UVLO_FALL
VIN UVLO threshold for VIN
falling
3.6
V
VTHR_UVLO_HYS
VIN UVLO hysteresis
0.2
V
VTHR_RISE
Input voltage good threshold
Voltage rising
4.6
V
VTHR_RISE_ACC
Input voltage good threshold
accuracy
-2
2
%
VTHR_HYS
Input voltage good hysteresis
0.2
V
TTHR_SHDN
Thermal shutdown threshold
130
140
150
°C
TTHR_SHDN_HYS
Thermal shutdown hysteresis
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com