Electronic Components Datasheet Search
  English  ▼

X  

DA9080 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA9080
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 57Page - Renesas Technology Corp DA9080 Datasheet HTML 58Page - Renesas Technology Corp DA9080 Datasheet HTML 59Page - Renesas Technology Corp DA9080 Datasheet HTML 60Page - Renesas Technology Corp DA9080 Datasheet HTML 61Page - Renesas Technology Corp DA9080 Datasheet HTML 62Page - Renesas Technology Corp DA9080 Datasheet HTML 63Page - Renesas Technology Corp DA9080 Datasheet HTML 64Page - Renesas Technology Corp DA9080 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
DA9080 Datasheet
R16DS0519EJ0340 Rev. 3.4
Mar 24, 2025
CFR0011-120-00
Page 61
15. Package Information
15.1 Package Outlines
The package outline drawings are located at the end of this document and are accessible from the Renesas
website. The package information is the most current data available and is subject to change without revision of
this document.
15.2 Moisture Sensitivity Level
The Moisture Sensitivity Level (MSL) is an indicator for the maximum allowable time period (floor lifetime) in
which a moisture sensitive plastic device, once removed from the dry bag, can be exposed to an environment
with a specified maximum temperature and a maximum relative humidity before the solder reflow process. The
MSL classification is defined in Table 39.
For detailed information on MSL levels refer to the IPC/JEDEC standard J-STD-020, which can be downloaded
from http://www.jedec.org.
The package is qualified for MSL 3.
Table 39. MSL Classification
MSL Level
Floor Lifetime
Conditions
MSL 4
72 hours
30 °C / 60 % RH
MSL 3
168 hours
30 °C / 60 % RH
MSL 2A
4 weeks
30 °C / 60 % RH
MSL 2
1 year
30 °C / 60 % RH
MSL 1
Unlimited
30 °C / 85 % RH
15.3 FCQFN Handling
Manual handling of FCQFN packages should be reduced to the absolute minimum. In cases where it is still
necessary, a vacuum pick-up tool should be used. In extreme cases plastic tweezers could be used, but metal
tweezers are not acceptable, since contact may easily damage the silicon chip.
15.4 Soldering Information
Refer to the IPC/JEDEC standard J-STD-020 for relevant soldering information. This document can be
downloaded from http://www.jedec.org.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com