Electronic Components Datasheet Search
  English  ▼

X  

DA9080 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA9080
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 53Page - Renesas Technology Corp DA9080 Datasheet HTML 54Page - Renesas Technology Corp DA9080 Datasheet HTML 55Page - Renesas Technology Corp DA9080 Datasheet HTML 56Page - Renesas Technology Corp DA9080 Datasheet HTML 57Page - Renesas Technology Corp DA9080 Datasheet HTML 58Page - Renesas Technology Corp DA9080 Datasheet HTML 59Page - Renesas Technology Corp DA9080 Datasheet HTML 60Page - Renesas Technology Corp DA9080 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
DA9080 Datasheet
R16DS0519EJ0340 Rev. 3.4
Mar 24, 2025
CFR0011-120-00
Page 57
Bit
Type
Field Name
Description
Reset
[1]
RW
BUCK1_PG1
Assign CH1 Buck to PG1 monitor group.
Value
Description
0x0
CH1 Buck is not assigned to PG1 group
0x1
CH1 Buck is assigned to PG1 group
0x0
[0]
RW
LDO_PG1
Assign LDO to PG1 monitor group.
Value
Description
0x0
LDO is not assigned to PG1 group
0x1
LDO is assigned to PG1 group
0x0
Table 32. PMC_PG2 (0x000F)
Bit
Type
Field Name
Description
Reset
[4]
RW
BUCK4_PG2
Assign CH4 Buck to PG2 monitor group.
Value
Description
0x0
CH4 Buck is not assigned to PG2 group
0x1
CH4 Buck is assigned to PG2 group
0x1
[3]
RW
BUCK3_PG2
Assign CH3 Buck to PG2 monitor group.
Value
Description
0x0
CH3 Buck is not assigned to PG2 group
0x1
CH3 Buck is assigned to PG2 group
0x1
[2]
RW
BUCK2_PG2
Assign CH2 Buck to PG2 monitor group.
Value
Description
0x0
CH2 Buck is not assigned to PG2 group
0x1
CH2 Buck is assigned to PG2 group
0x0
[1]
RW
BUCK1_PG2
Assign CH1 Buck to PG2 monitor group.
Value
Description
0x0
CH1 Buck is not assigned to PG2 group
0x1
CH1 Buck is assigned to PG2 group
0x1
[0]
RW
LDO_PG2
Assign LDO to PG2 monitor group.
Value
Description
0x0
LDO is not assigned to PG2 group
0x1
LDO is assigned to PG2 group
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com