Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 31 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 27Page - Analog Devices LTC6602 Datasheet HTML 28Page - Analog Devices LTC6602 Datasheet HTML 29Page - Analog Devices LTC6602 Datasheet HTML 30Page - Analog Devices LTC6602 Datasheet HTML 31Page - Analog Devices LTC6602 Datasheet HTML 32Page - Analog Devices LTC6602 Datasheet HTML 33Page - Analog Devices LTC6602 Datasheet HTML 34Page - Analog Devices LTC6602 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
LTC6601-2
31
66012f
APPLICATIONS INFORMATION
COMPLEX FILTER CONFIGURATIONS
A Modified 2nd Order Lowpass Filter Topology
The basic filter topology of Figure 3 can be modified as
shown in Figure 13. The Figure 13 circuit includes an
impedance path between the two summing nodes (the
circuit nodes common to resistors R1, R2 and R3). A
resistor and/or a capacitor connection between the sum-
ming nodes provide even more flexibility, and enhance
the filter design options (the fO and Q equations shown
in Figure 13 reduce to equations of Figure 3 if C3 is zero
and R4 is infinite).
The modified second order filter topology provides for
setting the Q value (with R4) without changing the fO
value and increasing the passband gain to greater than
one without changing the Q value (in the Q equation of
Figure 13 the value of Q does not change if the value of
the [1 + GAIN + 2(R2/R4)] denominator factor does not
change). Using R4 to set the Q value allows the option
to design the –3dB frequency (f3dB). If the Q value varies
and the fO value is constant then the f3dB frequency var-
ies in a second order lowpass function (refer to the f3dB
equation of Figure 13).
Figures 14 to 17 show additional circuits highlighting the
use of R4 or C3 in the modified second order cicuit to
set the f3dB frequency to 13MHz, 19MHz, 22.7MHz and
24.6MHz respectively.
The design procedure for a specified f3dB frequency is
as follows:
1 Using the chosen C1, C2 and C3 values calculate the
fO value.
2. Using fO of step 1 and the specified f3dB calculate the
Q value.
3. Calculate the R4 value using the Q value of step 3.
4. Calculate the required external resistor REXT value for
the R4 value in step 3. Example, in Figure 14 the Q
value for f3dB = 5MHz is 0.54, the required R4 resistor
is 350Ω, the R4A and R4B resistors are the internal
100Ω and the REXT resistor is 150Ω [REXT = R4 – (R4A
+ R4B)].
Note: The modified second order filter topology requires
the use of at least two of the three input resistor pairs (two
of the three 400Ω, 200Ω and 100Ω pairs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com