Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 11Page - Analog Devices LTC6602 Datasheet HTML 12Page - Analog Devices LTC6602 Datasheet HTML 13Page - Analog Devices LTC6602 Datasheet HTML 14Page - Analog Devices LTC6602 Datasheet HTML 15Page - Analog Devices LTC6602 Datasheet HTML 16Page - Analog Devices LTC6602 Datasheet HTML 17Page - Analog Devices LTC6602 Datasheet HTML 18Page - Analog Devices LTC6602 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
LTC6601-2
15
66012f
TEST CIRCUITS
+
–
0.1μF
VOUT
–
0.01μF
BIAS
VINP
VINM
0.1μF
0.1μF
V+
25Ω
V–
VOCM
VOUT(CM)
RBAL
IL
RBAL
66012 F01
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
+
–
VOUT
+
25Ω
IL
LTC6601-2
Figure 1. DC Test Circuit
+
–
0.1μF
VOUT
–
0.01μF
BIAS
1μF
1μF
1μF
1μF
COILCRAFT
TTWB-4-B
0.1μF
0.1μF
V+
100Ω
50Ω
V–
VOCM
66012 F02
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VOUT
+
100Ω
VIN
LTC6601-2
LT6411
13
14
15
16
8
5
69
5V
–5V
10 11 12
1237 17
VINP
VINM
Figure 2. AC Test Circuit (Frequency Response Testing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com