Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 5 Page - Analog Devices

  LTC6602 Datasheet HTML 1Page - Analog Devices LTC6602 Datasheet HTML 2Page - Analog Devices LTC6602 Datasheet HTML 3Page - Analog Devices LTC6602 Datasheet HTML 4Page - Analog Devices LTC6602 Datasheet HTML 5Page - Analog Devices LTC6602 Datasheet HTML 6Page - Analog Devices LTC6602 Datasheet HTML 7Page - Analog Devices LTC6602 Datasheet HTML 8Page - Analog Devices LTC6602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LTC6601-2
5
66012f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V– = 0V, VINCM = VOCM = mid-supply, VBIAS is tied to V+ or
floating, unless otherwise noted. (See Figure 2 for the AC test configuration.) VS is defined as (V+ – V–). VOUTCM is defined as (VOUT+ +
VOUT–)/2. VICM is defined as (VINP + VINM)/2. VOUTDIFF is defined as (VOUT+ – VOUT–). VINDIFF is defined as (VINP – VINM).
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GAIN
Filter Gain, See Figure 2,
BIAS Pin Floating (Remaining AC
Measurements Relative to 1MHz)
ΔVIN = ±0.25V, fTEST = DC (Note 14)
VIN = 600mVP-P, fTEST = 1MHz
VIN = 600mVP-P, fTEST = 2MHz
VIN = 600mVP-P, fTEST = 5MHz
VIN = 600mVP-P, fTEST = 10MHz
VIN = 600mVP-P, fTEST = 14.45MHz
VIN = 600mVP-P, fTEST = 20MHz
VIN = 600mVP-P, fTEST = 50MHz
l
l
l
l
l
l
l
l
–0.25
–0.08
–0.01
–0.54
–3.00
–7.55
–23.55
±0.05
0
0.02
0.11
–0.34
–2.50
–6.55
–21.55
0.25
0.12
0.23
–0.14
–2.00
–5.55
–19.55
dB
dB
dB
dB
dB
dB
dB
dB
PHASE
Filter Phase, See Figure 2,
BIAS Pin Floating
ΔVIN = ±0.25V, fTEST = DC
VIN = 600mVP-P, fTEST = 1MHz
VIN = 600mVP-P, fTEST = 2MHz
VIN = 600mVP-P, fTEST = 5MHz
VIN = 600mVP-P, fTEST = 10MHz
VIN = 600mVP-P, fTEST = 14.45MHz
VIN = 600mVP-P, fTEST = 20MHz
VIN = 600mVP-P, fTEST = 50MHz
l
l
l
l
l
l
l
l
–6.0
–12.5
–31.8
–70.1
–103.5
–130.7
0
–5.5
–11.3
–29.3
–65.2
–97.5
–125.1
–173.6
–4.8
–10.1
–26.8
–60.1
–91.5
–120.7
Deg
Deg
Deg
Deg
Deg
Deg
Deg
Deg
NOISE
Output Noise, See Figure 2,
BIAS Pin Floating
BW = 100MHz
BW = 20MHz
154
135
μVRMS
μVRMS
SNR
BIAS Pin Floating
BW = 100MHz
BW = 20MHz
73
74
dB
dB
Distortion
VIN = 2VP-P, 10MHz, BIAS Pin Floating
HD2, Single-Ended Input
HD3, Single-Ended Input
HD2, Differential Input
HD3, Differential Input
–60
–79
–65
–77
dBc
dBc
dBc
dBc
fO TC
Cutoff Frequency Temperature Coefficient
–120
ppm/°C
GAIN
Filter Gain, See Figure 2,
BIAS Pin Tied to V+,
AC Gain Measurements Relative to 1MHz
ΔVIN = ±0.25V, fTEST = DC (Note 14)
VIN = 600mVP-P, fTEST = 1MHz
VIN = 600mVP-P, fTEST = 2MHz
VIN = 600mVP-P, fTEST = 5MHz
VIN = 600mVP-P, fTEST = 10MHz
VIN = 600mVP-P, fTEST = 14.45MHz
VIN = 600mVP-P, fTEST = 20MHz
VIN = 600mVP-P, fTEST = 50MHz
l
l
l
l
l
l
l
l
–0.25
–0.08
–0.01
–0.54
–2.75
–7.14
–23.70
±0.05
0
0.02
0.11
–0.34
–2.35
–6.24
–21.70
0.25
0.12
0.23
–0.14
–1.95
–5.34
–19.70
dB
dB
dB
dB
dB
dB
dB
dB
PHASE
Filter Phase, See Figure 2,
BIAS Pin Tied to V+
ΔVIN = ±0.25V, fTEST = DC
VIN = 600mVP-P, fTEST = 1MHz
VIN = 600mVP-P, fTEST = 2MHz
VIN = 600mVP-P, fTEST = 5MHz
VIN = 600mVP-P, fTEST = 10MHz
VIN = 600mVP-P, fTEST = 14.45MHz
VIN = 600mVP-P, fTEST = 20MHz
VIN = 600mVP-P, fTEST = 50MHz
l
l
l
l
l
l
l
l
–6.0
–12.2
–31.2
–68.8
–101.5
–128.4
0
–5.4
–11
–28.7
–63.8
–95.5
–123.4
–169.3
–4.8
–9.8
–26.2
–58.8
–89.5
–118.4
Deg
Deg
Deg
Deg
Deg
Deg
Deg
Deg
NOISE
Wide Band Output Noise, 14.45MHz Cutoff,
BIAS Pin Tied to V+
BW = 100MHz
BW = 20MHz
108
97
μVRMS
μVRMS
SNR
BIAS Pin Tied to V+
BW = 100MHz
BW = 20MHz
76
77
dB
dB
DISTORTION VIN = 2VP-P, 10MHz, BIAS Pin Tied to V+
HD2, Single-Ended Input
HD3, Single-Ended Input
HD2, Differential Input
HD3, Differential Input
–67.5
–90
–70
–90
dBc
dBc
dBc
dBc
fO TC
Cutoff Frequency Temperature Coefficient
–120
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com