Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 15Page - Analog Devices LTC6602 Datasheet HTML 16Page - Analog Devices LTC6602 Datasheet HTML 17Page - Analog Devices LTC6602 Datasheet HTML 18Page - Analog Devices LTC6602 Datasheet HTML 19Page - Analog Devices LTC6602 Datasheet HTML 20Page - Analog Devices LTC6602 Datasheet HTML 21Page - Analog Devices LTC6602 Datasheet HTML 22Page - Analog Devices LTC6602 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
LTC6601-2
19
66012f
Likewise, substituting the numbers for a single 5V power
supply, (V+ = 5V, V– = 0V) with VOCM = 2.5V, and R1 = R2
= 100Ω, into the above equation, the input common mode
range (VINCMR) is between the two limits:
0V ≤ VINCM ≤ 4.7V
The output common mode voltage is defined as the aver-
age of the two outputs:
VOUTCM = VOCM =
VOUT+ + VOUT–
2
The VOCM pin sets this average by an internal common
mode feedback loop which internally forces VOUT+ =
–VOUT–. The output common mode range extends from
1.1 V above V– to 1V below V+. The VOCM pin sits in the
middle of a voltage divider which sets the default mid-
supply open circuit potential.
In single supply applications, where the LTC6601 is used
to interface to an ADC, the optimal common mode input
to the ADC is often determined by the ADC’s reference. If
the ADC makes a reference available for setting the input
common mode voltage, it can be directly tied to the VOCM
pin, but must be capable of driving the input impedance of
the VOCM pin (RVOCM). This impedance can be assumed
to be connected to a mid-supply potential. If an external
reference drives the VOCM pin, it should still be bypassed
with a high quality 0.01μF or higher capacitor to a low
impedance ground plane to filter any thermal noise and
to prevent common mode signals on this pin from being
inadvertently converted to differential signals.
Noise Considerations
When comparing the LTC6601 noise to other amplifiers,
be sure to compare similar specifications. Competing
devices often specify noise referred to the inputs of the
amplifier. The input referred voltage noise of the LTC6601-2
is 4.7nV/√Hz.
In addition to the noise generated by the amplifier, the
surrounding feedback resistors also contribute noise. A
noise model is shown in Figure 5. The output spot noise
generated by both the amplifier and the feedback compo-
nents is governed by the equation:
APPLICATIONS INFORMATION
eno = eni •1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
2
+ 2• In2 •R22 +R32 •1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
2
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
+ 2• enR1 •
R2
R1
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
2
+ 2enR3 •1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
2
+ 2•enR22
Substituting the equation for Johnson noise of a resistor (enR = 4kTR), and simplifying:
eno = eni •1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
2
+ 2• In2 •R22 +R32 •1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
2
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
+ 8•k • T R2 1+ R2
R1
⎛
⎝⎜
⎞
⎠⎟
+R3 1+ R2
R1
⎛
⎝⎜
⎞
⎠⎟
2
⎛
⎝
⎜
⎞
⎠
⎟



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com