Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 33 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 29Page - Analog Devices LTC6602 Datasheet HTML 30Page - Analog Devices LTC6602 Datasheet HTML 31Page - Analog Devices LTC6602 Datasheet HTML 32Page - Analog Devices LTC6602 Datasheet HTML 33Page - Analog Devices LTC6602 Datasheet HTML 34Page - Analog Devices LTC6602 Datasheet HTML 35Page - Analog Devices LTC6602 Datasheet HTML 36Page - Analog Devices LTC6602 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
LTC6601-2
33
66012f
Figure 14. Modified Filter Configuration Using a Resistor Between Summing Nodes (f–3dB = 13MHz)
APPLICATIONS INFORMATION
20
19
18
17
16
1
2
4
5
6
7
8
9
10
LTC6601-2
GAIN = 1
fO = 11.28MHz
Q = 0.835
f–1dB = 10MHz
f–3dB = 13MHz
VOUT(DIFF)
VIN(DIFF)
ZIN(DIFF) = 400Ω
VIN(DIFF)
ZIN(DIFF) = 200Ω
15
–
+
11
200Ω
20
19
18
17
16
1
2
4
5
6
7
8
9
10
LTC6601-2
GAIN = 2
fO = 11.28MHz
Q = 0.835
f–1dB = 10MHz
f–3dB = 13MHz
VOUT(DIFF)
15
–
+
11
66012 F14a
FREQUENCY (Hz)
66012 F14b
5
0
–10
–5
–15
–20
–25
–30
–35
–40
100k
100M
10M
1M
FREQUENCY (Hz)
66012 F14c
30
0
–30
–60
–90
–120
50
40
30
20
10
0
0
100k
4M
12M
16M
8M
PHASE
GROUP DELAY
Gain Magnitude vs Frequency (Gain = 1)
Passband Phase and Group Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com