Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 37 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 37 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 32Page - Analog Devices LTC6602 Datasheet HTML 33Page - Analog Devices LTC6602 Datasheet HTML 34Page - Analog Devices LTC6602 Datasheet HTML 35Page - Analog Devices LTC6602 Datasheet HTML 36Page - Analog Devices LTC6602 Datasheet HTML 37Page - Analog Devices LTC6602 Datasheet HTML 38Page - Analog Devices LTC6602 Datasheet HTML 39Page - Analog Devices LTC6602 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
LTC6601-2
37
66012f
APPLICATIONS INFORMATION
DC1251A Demonstration Board
The DC1251A demonstration circuit contains an LTC6601-2
(DC1251A-B). On a DC1251A the LTC6601 programming
pins can be connected through 0603 resistor jumpers. In
addition, optional surface mount capacitors and inductors
at the LTC6601 input and/or output can be installed for
additional filtering (a lowpass filter up to a 5th order can
be implemented with a DC1251A demonstration circuit).
The DC1251A has SMA connectors for the differential
input and output of the LTC6601. An on board 106MHz
lowpass RC filters the LTC6601 output.
DC1251A Top Silk Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com