Electronic Components Datasheet Search
  English  ▼

X  

LTC6602 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 14Page - Analog Devices LTC6602 Datasheet HTML 15Page - Analog Devices LTC6602 Datasheet HTML 16Page - Analog Devices LTC6602 Datasheet HTML 17Page - Analog Devices LTC6602 Datasheet HTML 18Page - Analog Devices LTC6602 Datasheet HTML 19Page - Analog Devices LTC6602 Datasheet HTML 20Page - Analog Devices LTC6602 Datasheet HTML 21Page - Analog Devices LTC6602 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
LTC6601-2
18
66012f
LTC6601 ideally suited for pre-amplification, level shift-
ing and conversion of single-ended signals to differential
output signals for driving differential input ADCs.
INPUT IMPEDANCE
Calculating the low frequency input impedance of the
LTC6601 depends on how the inputs are driven (whether
they are driven from a single-ended or a differential
source).
Figure 4 shows a simplified low frequency equivalent
circuit of the LTC6601. For balanced input sources (VINP
= –VINM), the low frequency input impedance is given by
the equation:
RINP = RINM = R1
The differential input impedance is simply:
RINDIFF = 2 • R1
For single-ended inputs (VINM = 0), the input impedance
actually increases over the balanced differential case due
to the fact the summing node (at the junction of R1, R2
and R3) moves in phase with VINP to bootstrap the input
impedance. Referring to Figure 4 with VINM = 0, the input
impedance looking into either input is:
RINP =RINM
R1
1– 1
2
•
R2
R1+R2
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
Input and Output Common Mode Voltage Range
The input common mode voltage is defined as the average
of the two inputs:
VINCM =
VINP + VINM
2
The lower limit of the input common mode range is dic-
tated by the ESD protection diodes at the input. While it
is possible for the inputs to swing below V–, the diodes
will conduct if the inputs are taken a diode drop below V–.
The upper limit of the input common mode range varies
as a function of the filter configuration (GAIN), VOCM po-
tential, and whether or not the inputs are single-ended or
differential. While it is possible to exceed the upper limit
of the common mode range, doing so will degrade filter
linearity. Referring to Figure 4, for linear operation, the
summing junction where R1, R2 and R3 merge together
should be prevented from swinging to within 1.4V of the
V+ power supply.
For the general case, the upper input common mode volt-
age limit should be constrained to:
VOCM •
R1
R1+R2
+ VINCM •
R2
R1+R2
≤ V+ – 1.4V
Or equivalently:
VINCM ≤ 1+
R1
R2
⎛
⎝⎜
⎞
⎠⎟
V+ − 1.4V
()− R1
R2
•VOCM
The specifications for input common mode range (VINCMR)
are based on these constraints with R1 = R2 = 100Ω, and
VOCM = mid-supply. Substituting the numbers for a single
3V power supply, (V+ = 3V, V– = 0V) with VOCM =1.5V, and
R1 = R2 = 100Ω, into the above equation, the input com-
mon mode range (VINCMR) is between the two limits:
0V ≤ VINCM ≤ 1.7V
which is as is specified for a 3V supply.
APPLICATIONS INFORMATION
–
+
R2
VOUT
–
VOUT
+
VOCM
VOUTDIFF
0.1μF
66012 F04
R1
RINP
VINP
VINM
R1
R2
R3
R3
+
+
–
–
+
–
RINM
Figure 4. Input Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com