Electronic Components Datasheet Search
  English  ▼

X  

AD4083 Datasheet(PDF) 8 Page - Analog Devices

Part # AD4083
Description  16-Bit, 40MSPS, Low Noise, Low Power SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4083 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD4083 Datasheet HTML 4Page - Analog Devices AD4083 Datasheet HTML 5Page - Analog Devices AD4083 Datasheet HTML 6Page - Analog Devices AD4083 Datasheet HTML 7Page - Analog Devices AD4083 Datasheet HTML 8Page - Analog Devices AD4083 Datasheet HTML 9Page - Analog Devices AD4083 Datasheet HTML 10Page - Analog Devices AD4083 Datasheet HTML 11Page - Analog Devices AD4083 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
Data Sheet
AD4083
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 8 of 94
Table 3. Absolute Maximum Ratings
Parameter
Rating
Analog Inputs
IN+, AUXIN+, IN−, and AUXIN− to GND
−0.3V to +3.6V
Analog Output
CMO
−0.3V to +3.6V
Supply Voltage
REFIN and VDD33 to GND
−0.3V to +3.6V
VDDLDO to GND
−0.3V to +2.75V
VDD11 to GND
−0.3V to +1.26V
IOVDD to GND
−0.3V to +1.26V
Digital Inputs and Outputs
Inputs (CNV± and CLK±) to GND
−0.3V to +2.75V
LVDS OUTPUT (DCO±, DA±, and DB±) to GND
−0.3V to +1.26V
CS, SCLK, and SDI to GND
−0.3V to +2.75V
GPIO0, GPIO1, GPIO2, and GPIO3 to GND
−0.3V to +1.26V
Temperature
Storage Range
−55°C to +150°C
Operating Range
−40°C to +85°C
Maximum Reflow (Package) as per
JEDEC J-STD-020
260°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
Table 4. Thermal Resistance
Package
Type
θJA1
ΨJT1
ΨJB1
θJB2
θJC3
Unit
BC-49-8
66.8
1.7
45.1
45.9
53.1
°C/W
1 θJA, ΨJT, and ΨJB are modeled using a JEDEC 2S2P test PCB with 16 thermal
vias, in a JEDEC natural convection environment.
2 θJB is modeled using a JEDEC 2S2P test PCB with 16 thermal vias, in a
JEDEC junction to board environment.
3 θJC is modeled using a JEDEC 1S test PCB, with an infinite heatsink attached
directly to the package surface.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged-device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for the AD4083
Table 5. AD4083, 49-Ball CSP_BGA
ESD Model
Withstand Threshold (V) Class
HBM (Pin E1, Pin E2, Pin D1, and Pin
D2 (IN−, AUXIN−, IN+, and AUXIN+,
respectively))
1000
1C
HBM (All other pins)
1500
1C
FICDM
750
C2b
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com