Electronic Components Datasheet Search
  English  ▼

X  

AD4083 Datasheet(PDF) 90 Page - Analog Devices

Part # AD4083
Description  16-Bit, 40MSPS, Low Noise, Low Power SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4083 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD4083 Datasheet HTML 86Page - Analog Devices AD4083 Datasheet HTML 87Page - Analog Devices AD4083 Datasheet HTML 88Page - Analog Devices AD4083 Datasheet HTML 89Page - Analog Devices AD4083 Datasheet HTML 90Page - Analog Devices AD4083 Datasheet HTML 91Page - Analog Devices AD4083 Datasheet HTML 92Page - Analog Devices AD4083 Datasheet HTML 93Page - Analog Devices AD4083 Datasheet HTML 94Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
Data Sheet
AD4083
CONFIGURATION REGISTERS
analog.com
Rev. 0 | 90 of 94
FIFO Watermark Register
Address: 0x1D and Address: 0x1E, Reset: 0x4000, Name: FIFO_WATERMARK
This is the watermark value. If the user writes a value <1, it is clipped at 1. If >16,384, clipped at 16,384.
Figure 133. FIFO Watermark Register
Table 56. Bit Descriptions for FIFO_WATERMARK
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved. Write 0b0 to this bit.
0x0
R
[14:0]
FIFO_WATERMARK
Number of Conversion to Capture in FIFO. In event trigger capture mode, read all FIFO, this value must
be set as a multiple of four only.
0x4000
R/W
Event Detection Hysteresis Configuration Register
Address: 0x20 and Address: 0x1F, Reset: 0x0000, Name: EVENT_HYSTERESIS
Figure 134. Event Detection Hysteresis Configuration Register
Table 57. Bit Descriptions for EVENT_HYSTERESIS
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved. Write 0b00000 to these bits.
0x0
R
[10:0]
HYSTERESIS
Hysteresis Value. Unsigned data format where LSB = 1.46484 mV. 0x000 represents 0 × LSB, and 0x7FF
represents 2047 × LSB.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com