Electronic Components Datasheet Search
  English  ▼

X  

AD4083 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4083
Description  16-Bit, 40MSPS, Low Noise, Low Power SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4083 Datasheet(HTML) 1 Page - Analog Devices

  AD4083 Datasheet HTML 1Page - Analog Devices AD4083 Datasheet HTML 2Page - Analog Devices AD4083 Datasheet HTML 3Page - Analog Devices AD4083 Datasheet HTML 4Page - Analog Devices AD4083 Datasheet HTML 5Page - Analog Devices AD4083 Datasheet HTML 6Page - Analog Devices AD4083 Datasheet HTML 7Page - Analog Devices AD4083 Datasheet HTML 8Page - Analog Devices AD4083 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
Data Sheet
AD4083
16-Bit, 40MSPS, Low Noise, Low Power SAR ADC
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
|
Tel: 781.935.5565
|
©2026 Analog Devices, Inc. All rights reserved.
FEATURES
►
16-bit resolution, no missing codes
►
Throughput: 40MSPS, 48.43ns conversion latency
►
Noise spectral density: 10.69nV/√Hz,165.9dBFS/Hz
►
Low 1/f, low frequency noise (0.1Hz to 10Hz): 265nV rms
►
Low Power:70.2mW typical at 40MSPS
►
INL: ±8ppm (typ), ±12ppm (max)
►
Dynamic range: 92.94dBFS
►
SNR/THD
►
92.2dB (typ)/−111dB (typ) at fIN = 1kHz
►
92dB (typ)/−103.4dB (typ) at fIN = 1MHz
►
Easy Drive
►
6V p-p differential input range
►
Continuous signal acquisition
►
Linearized, 5μA/MSPS input current
►
Integrated, low-drift reference buffer and decoupling
►
Integrated VCM generation
►
Digital features and data interface
►
Conversion result FIFO, 16K sample depth
►
Digital averaging filter with up to 210 decimation
►
SPI configuration
►
Configurable data interface
►
Single lane, DDR, serial LVDS, 640Mbps per lane
►
Dual lane, DDR, serial LVDS, 320Mbps per lane
►
Single/quad lane SPI data interface
►
Package
►
49-ball, 5mm × 5mm CSP_BGA, 0.65mm pitch
►
Integrated supply decoupling capacitors
►
Operating temperature range: −40°C to +85°C
APPLICATIONS
►
Digital imaging
►
Cell analysis
►
Spectroscopy
►
Automated test equipment
►
High speed data acquisition
►
Digital control loops, hardware in the loop
►
Power quality analysis
►
Source measurement units
►
Electron and X-ray microscopy
►
Radar level measurement
►
Nondestructive test
FUNCTIONAL BLOCK DIAGRAM
Figure 1. AD4083 Functional Block Diagram
GENERAL DESCRIPTION
The AD4083 is a high speed, low noise, low distortion, 16-bit, Easy
Drive, successive approximation register (SAR) analog-to-digital
converter (ADC). Maintaining high performance (signal-to-noise and
distortion (SINAD) ratio > 90dBFS) at signal frequencies in excess
of 1MHz enables the AD4083 to service a wide variety of precision,
wide bandwidth data acquisition applications. Simplification of the
input anti-alias filter design can be accomplished by applying over-
sampling along with the integrated digital filtering and decimation to
reduce noise and lower the output data rate for applications that do
not require the lowest latency of the AD4083.
The AD4083 Easy Drive features reduce both signal chain com-
plexity and power consumption while enabling greater channel
density and flexibility in companion component selection. The prod-
uct input structure was designed to minimize any input dependent
signal currents, therefore reducing any converter induced settling
artifacts. The continuous acquisition architecture allows settling
across the entire conversion cycle, easing ADC driver settling and
bandwidth requirements as compared to other high-speed data
converters.
The AD4083 includes several elements that simplify data converter
integration: a low drift reference buffer, low dropout (LDO) regula-
tors to generate ADC core and digital interface supply rails, and a
16K result data first-in first out (FIFO) that can greatly reduce the
load on the digital host. Additionally, critical supply and reference
decoupling capacitors are integrated in the package to ensure
optimum performance, simplify printed circuit board (PCB) layout,
and reduce the overall solution footprint.


Similar Part No. - AD4083

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4080 AD-AD4080 Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
AD4080 AD-AD4080 Datasheet
3Mb / 94P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
AD4080BBCZ AD-AD4080BBCZ Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
AD4080BBCZ AD-AD4080BBCZ Datasheet
3Mb / 94P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
AD4080BBCZ-RL AD-AD4080BBCZ-RL Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
More results

Similar Description - AD4083

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2382-16 LINER-LTC2382-16 Datasheet
1Mb / 24P
16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2380-16 LINER-LTC2380-16 Datasheet
416Kb / 24P
16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2380-16 LINER-LTC2380-16_15 Datasheet
514Kb / 26P
16-Bit, 2Msps, Low Power SAR ADC with 96.2dB SNR
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
logo
ON Semiconductor
NCD98010 ONSEMI-NCD98010 Datasheet
201Kb / 12P
12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
logo
Maxim Integrated Produc...
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com