Electronic Components Datasheet Search
  English  ▼

X  

AD4083 Datasheet(PDF) 28 Page - Analog Devices

Part # AD4083
Description  16-Bit, 40MSPS, Low Noise, Low Power SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4083 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD4083 Datasheet HTML 24Page - Analog Devices AD4083 Datasheet HTML 25Page - Analog Devices AD4083 Datasheet HTML 26Page - Analog Devices AD4083 Datasheet HTML 27Page - Analog Devices AD4083 Datasheet HTML 28Page - Analog Devices AD4083 Datasheet HTML 29Page - Analog Devices AD4083 Datasheet HTML 30Page - Analog Devices AD4083 Datasheet HTML 31Page - Analog Devices AD4083 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
Data Sheet
AD4083
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 28 of 94
ANALOG FRONT END DESIGN
Driver Amplifier Choice
As described in the Easy Drive Analog Inputs section, the AD4083
has a number of unique features that open this ADC up to being
used with a wide range of driver amplifier solutions. Because
the AD4083 offers exceptionally low noise and excellent levels of
precision at sampling rates up to 40MSPS with remarkably efficient
power consumption, signal chain choices on which application
parameters to prioritize is presented. As is often the case, there
can be some competing parameters to consider. Wider bandwidth
amplifiers are required to drive faster ADCs because the settling
bandwidth, signal bandwidth, and the noise bandwidth increase.
In addition, as these speeds increase, maintaining precision in a
driving amplifier becomes a greater challenge. These challenges
are often met by increased power in the driver; however, Analog
Devices, Inc., offers a wide choice of power efficient driver amplifi-
ers that can be found on the Differential Amplifiers and ADC Drivers
web page. Also, due to the Easy Drive features of the AD4083,
where the settling bandwidth is relaxed considerably, products
such as the ADA4945-1 fully differential amplifier (FDA) make an
excellent low power companion product. Table 12 offers some other
suggested products for consideration.
Table 12. Driver Amplifier Selection Table
Part Number
Category
Quiescent
Current (IQ)
Input Voltage
Noise (VN)
−3dB Bandwidth
(Gain = 1)
THD at 1MHz
Application Considerations
ADA4945-1
FDA
4mA
1.8nV/√Hz
145MHz
−90dB
Lowest power
ADA4932-1
FDA
9.6mA
3.6nV/√Hz
560MHz
−110dB
Low power, wider bandwidth, improved distortion
at higher signal frequencies
ADA4927-1
FDA
20mA
1.3nV/√Hz
2300MHz
−112dB
Low noise, lower distortion at higher signal fre-
quencies
AD8139
FDA
24.5mA1
2.25nV/√Hz
410MHz
−120dB
Lowest distortion at higher signal frequencies
ADA4899-1
Single op amp
28.6mA1
1.414nV/√Hz
600MHz
−117dB
Lowest distortion at higher signal frequencies
ADA4930-1
FDA
35mA
1.15nV/√Hz
1350MHz
−110dB
Lowest noise
1 Combined quiescent current of two amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com