Electronic Components Datasheet Search
  English  ▼

X  

LT5524 Datasheet(PDF) 4 Page - Analog Devices

Part # LT5524
Description  Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5524 Datasheet(HTML) 4 Page - Analog Devices

  LT5524 Datasheet HTML 1Page - Analog Devices LT5524 Datasheet HTML 2Page - Analog Devices LT5524 Datasheet HTML 3Page - Analog Devices LT5524 Datasheet HTML 4Page - Analog Devices LT5524 Datasheet HTML 5Page - Analog Devices LT5524 Datasheet HTML 6Page - Analog Devices LT5524 Datasheet HTML 7Page - Analog Devices LT5524 Datasheet HTML 8Page - Analog Devices LT5524 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT5524
5524f
VCC = 5V, VCCO = 5V, EN = 3V, TA = 25°C, ROUT = 200Ω. Maximum gain
specifications are with respect to differential inputs and differential outputs, unless otherwise noted.
(Note 7) (Test circuits shown in Figures 9 and 10)
AC ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All voltage values are with respect to ground.
Note 3: Default state for open PGA inputs.
Note 4: VCC1 and VCC2 (Pins 2 and 19) are internally connected.
Note 5: External VOSUP is adjusted such that VCCO output pin common
mode voltage is as specified when resistors are used. For choke inductors
or transformer, VOSUP = VCCO = 5V typ.
Note 6: Internally generated common mode input bias voltage requires
capacitive or transformer coupling to the signal source.
Note 7: Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls. Gain always refers to power gain. Input
matching is assumed. PIN is the available input power. POUT is the power
into the external load, ROUT, as seen by the LT5524 differential outputs. All
dBm figures are with respect to 50Ω.
Note 8: High frequency operation is limited by the RC time constants at
the input and output ports. The low frequency (LF) roll-off is set by I/O
interface choice.
Note 9: Limited by package and board isolation.
Note 10: See “Clipping Free Operation” in the Applications Information
section. Refer to Figure 7.
Note 11: Although the instantaneous AC voltage on the OUT+ or OUT– pins
may in some situations safely exceed 8V (with respect to ground), in no
case should the DC voltage on these pins be allowed to exceed the
ABSMAX tested limit of 7V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dynamic Performance
BW
Large-Signal –3dB Bandwidth
All Gain Settings (Note 8), ROUT = 100Ω
LF to 540
MHz
VOUT(CLIP) Output Voltage Clipping Levels
Each OUT+, OUT– with Respect to Ground
2
8
V
(Note 11)
POUT(MAX) Clipping Limited Maximum Sinusoidal
All Gain Settings, Single Tone,
16
dBm
Output Power
fIN = 100MHz (Note 10)
gm
Amplifier Transconductance
Max Gain, fIN = 100MHz
0.15
S
S12
Reverse Isolation
fIN = 100MHz (Note 9)
–92
dB
Distortion and Noise
OIP3
Output Third Order Intercept Point for
POUT = 4dBm (Each Tone), 200kHz Tone Spacing,
PGA0 = High (PGA1, PGA2, PGA3 Any State)
fIN = 100MHz
+40
dBm
Output Third Order Intercept Point for
POUT = 4dBm (Each Tone), 200kHz Tone Spacing,
PGA0 = Low (PGA1, PGA2, PGA3 Any State)
fIN = 100MHz
+36
dBm
HD2
Second Harmonic Distortion
POUT = 5dBm (Single Tone), fIN = 50MHz
–76
dBc
HD3
Third Harmonic Distortion
POUT = 5dBm (Single Tone), fIN = 50MHz
–72
dBc
NFLOOR
Output Noise Floor
PGA1 = High, fIN = 100MHz
–138
dBm/Hz
(PGAO, PGA2, PGA3 Any State)
PGA1 = Low, fIN = 100MHz
–140
dBm/Hz
NF
Noise Figure
Max Gain Setting, fIN = 100MHz
8.6
dB
PGA Settling Time
Output Settles within 10% of Final Value
500
ns
Enable/Disable Time
Output Settles within 10% of Final Value
600
ns
Amplifier Power Gain and Gain Step
GMAX
Maximum Gain
fIN = 20MHz and 200MHz
27
dB
GMIN
Minimum Gain
fIN = 20MHz and 200MHz
4.5
dB
GSTEP
Gain Step Size
fIN = 20MHz and 200MHz
0.8
1.5
2.2
dB
Gain Step Accuracy
fIN = 20MHz and 200MHz
±0.2
dB
Amplifier I/O Impedance (Parallel Values, Specified Differentially)
RIN
Input Resistance
fIN = 100MHz
122
Ω
CIN
Input Capacitance
fIN = 100MHz
2
pF
RO
Output Resistance
fIN = 100MHz
5
kΩ
CO
Output Capacitance
fIN = 100MHz
1.7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com