Electronic Components Datasheet Search
  English  ▼

X  

LT5524 Datasheet(PDF) 3 Page - Analog Devices

Part # LT5524
Description  Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5524 Datasheet(HTML) 3 Page - Analog Devices

  LT5524 Datasheet HTML 1Page - Analog Devices LT5524 Datasheet HTML 2Page - Analog Devices LT5524 Datasheet HTML 3Page - Analog Devices LT5524 Datasheet HTML 4Page - Analog Devices LT5524 Datasheet HTML 5Page - Analog Devices LT5524 Datasheet HTML 6Page - Analog Devices LT5524 Datasheet HTML 7Page - Analog Devices LT5524 Datasheet HTML 8Page - Analog Devices LT5524 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT5524
5524f
VCC = 5V, VCCO = 5V, EN = 3V, TA = 25°C, unless otherwise noted.
(Note 7) (Test circuits shown in Figures 9 and 10)
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Normal Operating Conditions
VCC
Supply Voltage (Pins 2, 19)
(Note 4)
4.75
5
5.25
V
VCCO
OUT+, OUT– Output Pin DC Common Mode Voltage
OUT+, OUT– Connected to VOSUP via
3
5
5.5
V
Choke Inductors or Resistors (Note 5)
Shutdown DC Characteristics, EN = 0.6V
VIN(BIAS)
IN+, IN– Bias Voltage
Max Gain (Note 6)
1.15
1.3
1.5
V
IIL(PGA)
PGAO, PGA1, PGA2, PGA3 Input Current
VIN = 0.6V
20
µA
IIH(PGA)
PGAO, PGA1, PGA2, PGA3 Input Current
VIN = 5V
20
µA
IOUT
OUT+, OUT– Current
All Gain Settings
20
µA
ICC
VCC Supply Current
All Gain Settings (Note 4)
44
100
µA
Enable and PGA Inputs DC Characteristics
VIL
EN and PGAx Input Low Voltage
x = 0, 1, 2, 3
0.6
V
VIH
EN and PGAx Input High Voltage
x = 0, 1, 2, 3
3
V
IIL(PGA)
PGAO, PGA1, PGA2, PGA3 Input Current
VIN = 0.6V
20
µA
IIH(PGA)
PGAO, PGA1, PGA2, PGA3 Input Current
VIN = 3V and 5V
15
30
µA
IIL(EN)
EN Input Current
VIN = 0.6V
4
20
µA
IIH(EN)
EN Input Current
VIN = 3V
18
µA
VIN = 5V
38
100
µA
DC Characteristics, EN = 3V
VIN(BIAS)
IN+, IN– Bias Voltage
Max Gain (Note 6)
1.34
1.48
1.65
V
RIN
Input Differential Resistance
All Gain Settings (DC)
122
Ω
gm
Amplifier Transconductance
Max Gain
0.15
S
IOUT
OUT+, OUT– Quiescent Current
All Gain Settings, VOUT = 5V
17
20
24
mA
IOUT(OFFSET) Output Current Mismatch
All Gain Settings, IN+, IN– Open
100
µA
ICC
VCC1 + VCC2 Supply Current
Max Gain (Note 4)
34
40
mA
Min Gain (Note 4)
36
43
mA
ICC(TOTAL)
Total Supply Current
ICC + 2 • IOUT (Max Gain)
75
91
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com