Electronic Components Datasheet Search
  English  ▼

X  

LT5524 Datasheet(PDF) 7 Page - Analog Devices

Part # LT5524
Description  Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5524 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT5524 Datasheet HTML 3Page - Analog Devices LT5524 Datasheet HTML 4Page - Analog Devices LT5524 Datasheet HTML 5Page - Analog Devices LT5524 Datasheet HTML 6Page - Analog Devices LT5524 Datasheet HTML 7Page - Analog Devices LT5524 Datasheet HTML 8Page - Analog Devices LT5524 Datasheet HTML 9Page - Analog Devices LT5524 Datasheet HTML 10Page - Analog Devices LT5524 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT5524
5524f
PI FU CTIO S
EN (Pin 1): Enable Pin for Amplifier. When the input
voltage is higher than 3V, the amplifier is turned on. When
the input voltage is less than or equal to 0.6V, the amplifier
is turned off. This pin is internally pulled to ground if not
connected.
VCC1(Pin2):PowerSupply.Thispinisinternallyconnected
to VCC2 (Pin 19). Decoupling capacitors (1000pF and 0.1µF
for example) may be required in some applications.
GND (Pins 3, 4, 7, 8, 13, 14, 17, 18): Ground.
IN+ (Pin 5): Positive Signal Input Pin with Internal DC
Bias.
IN– (Pin 6): Negative Signal Input Pin with Internal DC
Bias.
PGA0 (Pin 9): Amplifier PGA Control Input Pin for the 1.5dB
Attenuation Step (see Programmable Gain table). Input is
high when the input voltage is greater than 3V. Input is low
when the input voltage is less than or equal to 0.6V. This
pin is internally pulled to ground if not connected.
PGA1 (Pin 10): Amplifier PGA Control Input Pin for the 3dB
Attenuation Step (see Programmable Gain table). Input is
high when the input voltage is greater than 3V. Input is low
when the input voltage is less than or equal to 0.6V. This
pin is internally pulled to ground if not connected.
PGA2 (Pin 11): Amplifier PGA Control Input Pin for the 6dB
Attenuation Step (see Programmable Gain table). Input is
high when the input voltage is greater than 3V. Input is low
when the input voltage is less than or equal to 0.6V. This
pin is internally pulled to ground if not connected.
PGA3 (Pin 12): Amplifier PGA Control Input Pin for 12dB
Attenuation Step (see Programmable Gain table). Input is
high when the input voltage is greater than 3V. Input is low
when the input voltage is less than or equal to 0.6V. This
pin is internally pulled to ground if not connected.
OUT+ (Pin 15): Positive Amplifier Output. A transformer
with center tap tied to VCC or a choke inductor is recom-
mended to source the DC quiescent current.
OUT– (Pin 16): Negative Amplifier Output. A transformer
with center tap tied to VCC or a choke inductor is recom-
mended to source the DC quiescent current.
VCC2 (Pin 19): Power Supply. This pin is internally con-
nected to VCC1 (Pin 2).
NC (Pin 20): Not Connected.
Exposed Pad (Pin 21): Ground. This pin must be soldered
to the printed circuit board ground plane for good heat
transfer.
BLOCK DIAGRA
AMPLIFIER
OUT+
1
15
OUT–
16
20
ENABLE
CONTROL
EN
21
5524 F01
NC
9
10
GAIN CONTROL
LOGIC
ATTENUATOR
LT5524
PGA0
PGA1
11
12
PGA2
PGA3
19
2
6
5
VOLTAGE REGULATOR
AND BIAS
VCC2
VCC1
IN+
IN–
GND (3, 4, 7, 8
13, 14, 17, 18)
RIN
100Ω
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com