Electronic Components Datasheet Search
  English  ▼

X  

LT5524 Datasheet(PDF) 9 Page - Analog Devices

Part # LT5524
Description  Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5524 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT5524 Datasheet HTML 5Page - Analog Devices LT5524 Datasheet HTML 6Page - Analog Devices LT5524 Datasheet HTML 7Page - Analog Devices LT5524 Datasheet HTML 8Page - Analog Devices LT5524 Datasheet HTML 9Page - Analog Devices LT5524 Datasheet HTML 10Page - Analog Devices LT5524 Datasheet HTML 11Page - Analog Devices LT5524 Datasheet HTML 12Page - Analog Devices LT5524 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT5524
5524f
Input Interface
For the lowest noise and highest linearity, the LT5524
should be driven with a differential input signal. Single-
ended drive will severely degrade linearity and noise
performance.
Example input matching networks are shown in Figures 3
and 4.
Input matching network design criteria are:
• DC block the LT5524 internal bias voltage (see Input
Bias Voltage section for DC coupling information)
• Match the source impedance to the LT5524, RIN ≅ 122Ω
• Provide well balanced differential input drive (capacitor
C2 in Figure 4)
• Minimize insertion loss to avoid degrading the noise
figure (NF)
Note: In Figure 5, (choke) inductors may be placed in
parallel with or used to replace resistors R1 and R2, thus
eliminating the DC voltage drop across these resistors.
APPLICATIO S I FOR ATIO
+
–
RIN
122Ω
IN+
VSRC
LT5524
LT5524 F03
C1
R1
50Ω
R2
50Ω
C2
IN–
Figure 3. Input Capacitively-Coupled to a Differential Source
+
–
RIN
122Ω
IN+
C2
0.33µF
LT5524
LT5524 F04
RSRC
50Ω
T1
1:2
•
•
•
VSRC
IN–
Figure 4. Input Transformer-Coupled to a Single-Ended Source
Output Interface
The output interface network provides an impedance
transformation between the actual load impedance, RLOAD,
and the LT5524 output loading, ROUT, chosen to maximize
power or linearity, or to minimize output noise, or for some
other criteria as explained in the following sections.
Two examples of output matching networks are shown in
Figures 5 and 6 (as implemented in the LT5524 demo
boards).
Figure 5. Output Impedance-Matched
and Capacitively Coupled to a Differential Load
+
–
RIN
122Ω
IN+
LT5524
C1
C3
C2
R1
51Ω
R2
51Ω
VOSUP
RLOAD
50Ω
RLOAD
50Ω
ROUT
LT5524 F05
IN–
Figure 6. Output Impedance-Matched and
Transformer-Coupled to a Single-Ended Load
+
–
RIN
122Ω
IN+
LT5524
C1
RMATCH
255Ω
(OPTIONAL)
VOSUP
RLOAD
50Ω
T2
4:1
ROUT
LT5524 F06
IN–
•
•
•
Output network design criteria are:
• Provide DC isolation between the LT5524 DC output
voltage and RLOAD.
• Provide a path for the output DC current from the output
voltage source VOSUP.
• Provide an impedance transformation, if required, be-
tween the load impedance, RLOAD, and the optimum
ROUT loading.
• Set the bandwidth of the output network.
• Optional: Provide board output impedance matching
using resistor RMATCH (when driving a transmission
line).
• Use high linearity passive parts to avoid introducing
noninearity.
Note that there is a noise penalty of up to 6dB when using
power delivered by only one output in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com