Electronic Components Datasheet Search
  English  ▼

X  

LT5524 Datasheet(PDF) 6 Page - Analog Devices

Part # LT5524
Description  Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5524 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT5524 Datasheet HTML 2Page - Analog Devices LT5524 Datasheet HTML 3Page - Analog Devices LT5524 Datasheet HTML 4Page - Analog Devices LT5524 Datasheet HTML 5Page - Analog Devices LT5524 Datasheet HTML 6Page - Analog Devices LT5524 Datasheet HTML 7Page - Analog Devices LT5524 Datasheet HTML 8Page - Analog Devices LT5524 Datasheet HTML 9Page - Analog Devices LT5524 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT5524
5524f
ICC Shutdown Current vs VCC,
EN = 0.6V
TYPICAL PERFOR A CE CHARACTERISTICS Two tones, 200kHz spacing, T
A = 25°C, EN = 3V,
VCC = 5V, VCCO = 5V, control input levels VIL = 0.6V, VIH = 3V unless otherwise noted. (Test circuit shown in Figure 10)
INPUT VCC (V)
4.5
50
60
70
25°C
85°C
–40°C
5.3
5524 G16
40
30
4.7
4.9
5.1
5.5
20
10
0
Total ICC vs Attenuation Step
Single-Ended Output Current
vs Attenuation Step
VIN(BIAS) vs Attenuation Step
Noise Figure vs Frequency
FREQUENCY (MHz)
0
7.0
7.5
8.0
8.5
9.0
100
200
300
400
5524 G09
9.5
10.0
50
150
250
350
MAX GAIN
1.5dB ATTENUATION STEP
(PGA0 = LOW)
3dB ATTENUATION STEP
(PGA1 = LOW)
NF vs Attenuation Step at
Freq = 100MHz
ATTENUATION STEP (dB)
0
18
24
30
15
5524 G10
12
6
15
21
27
9
3
0
3
6
9
12
18
21
Output Noise Floor vs Attenuation
Step, Freq = 100MHz, ROUT = 200Ω
ATTENUATION STEP (dB)
0
–142
–141
–140
–139
–138
–136
3
69
12
5524 G11
18
15
21
–137
PGA1 = HIGH
PGA1 = LOW
Pulse Response vs Output Level at
Max Gain. Indicated Voltage Levels
are into 50Ω External Load
2ns/DIV
5524 G12
2VP-P
1.5VP-P
1VP-P
INPUTS
COUT = 0.82pF
ATTENUATION STEP (dB)
0
65
68
70
73
75
80
3
69
12
5524 G15
15
18
21
78
85°C
25°C
–40°C
ATTENUATION STEP (dB)
0
19.0
20.0
19.5
20.5
21.0
3
69
12
5524 G13
15
18
21
85°C
25°C
–40°C
ATTENUATION STEP (dB)
0
1.40
1.50
1.45
1.55
1.60
3
69
12
5524 G14
15
18
21
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com