Electronic Components Datasheet Search
  English  ▼

X  

LT5524 Datasheet(PDF) 2 Page - Analog Devices

Part # LT5524
Description  Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5524 Datasheet(HTML) 2 Page - Analog Devices

  LT5524 Datasheet HTML 1Page - Analog Devices LT5524 Datasheet HTML 2Page - Analog Devices LT5524 Datasheet HTML 3Page - Analog Devices LT5524 Datasheet HTML 4Page - Analog Devices LT5524 Datasheet HTML 5Page - Analog Devices LT5524 Datasheet HTML 6Page - Analog Devices LT5524 Datasheet HTML 7Page - Analog Devices LT5524 Datasheet HTML 8Page - Analog Devices LT5524 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT5524
5524f
ORDER PART
NUMBER
(Notes 1, 2)
Power Supply Voltage (VCC1, VCC2) .......................... 6V
Output DC Voltage (OUT+, OUT–) ............................. 7V
Control Input Voltage (EN, PGAx) ............. –0.5V to VCC
Signal Input Voltage (IN+, IN–) ................... –0.5V to 3V
Operating Ambient Temperature Range .. – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
LT5524EFE
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND
MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
EN
VCC1
GND
GND
IN+
IN–
GND
GND
PGA0
PGA1
NC
VCC2
GND
GND
OUT–
OUT+
GND
GND
PGA3
PGA2
FE PACKAGE
20-LEAD PLASTIC TSSOP
21
ATTENUATION STEP
RELATIVE TO MAX GAIN
PGA0
PGA1
PGA2
PGA3
POWER GAIN*
1
0dB
High
High
High
High
27.0dB
2
–1.5dB
Low
High
High
High
25.5dB
3
–3.0dB
High
Low
High
High
24.0dB
4
–4.5dB
Low
Low
High
High
22.5dB
5
–6.0dB
High
High
Low
High
21.0dB
6
–7.5dB
Low
High
Low
High
19.5dB
7
–9.0dB
High
Low
Low
High
18.0dB
8
–10.5dB
Low
Low
Low
High
16.5dB
9
–12.0dB
High
High
High
Low
15.0dB
10
–13.5dB
Low
High
High
Low
13.5dB
11
–15.0dB
High
Low
High
Low
12.0dB
12
–16.5dB
Low
Low
High
Low
10.5dB
13
–18.0dB
High
High
Low
Low
9.0dB
14
–19.5dB
Low
High
Low
Low
7.5dB
15
–21.0dB
High
Low
Low
Low
6.0dB
16
–22.5dB
Low
Low
Low
Low
4.5dB (Note 3)
*ROUT = 200Ω
PROGRA
ABLE GAI SETTI GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com