Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRS8 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE49SRS8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRS8 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE49SRS8 Datasheet HTML 27Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 28Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 29Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 30Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 31Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 32Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 33Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 34Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
5.3.2
Programmable measurement range
Free selective measuring range
The measuring range (start / stop) is freely selective with a resolution of 14 bit. The resolution of 14 bit refers to 360°.
The characteristic curve of the sensor can be divided up to 4 predefined segments. Typically, the 360° angular range is
divided into 4 x 90°, 3 x 120° or 1 x 360° segments.
Additionally, it is possible to define a measurement range inside the full 360° range. For example, a 70° measurement
range can be defined from 40° to 110°.
It is also possible to clamp the angle limits, this can be freely configured by the customer, plus the calibration points
can be used to linearize the characteristic curves.
Please note that the calibration points are always for 360°, so at least 1 or 2 points have to be sacrificed to complete
the 360° if the angle range is clamped.
 
0°
360°
90°
180°
270°
45°
135°
225°
315°
segment 0
segment 1
segment 2
segment 3
Figure 18
Programmable output 90° characteristic curve
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
31
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com