Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRS8 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE49SRS8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRS8 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE49SRS8 Datasheet HTML 28Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 29Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 30Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 31Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 32Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 33Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 34Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 35Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
0°
360°
90°
180°
270°
60°
300°
segment 0
segment 1
segment 2
Figure 19
Programmable output 120°characteristic curve
5.3.3
EEPROM
The sensor includes a non-volatile memory (NVM) where calibration data and sensor configuration data are stored.
The customer has access to a part of this memory for storage of application specific data (e.g. look-up table &
customer ID)
Table 33
EEPROM parameters
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Number of
possible NVM
programming
cycles
nProg
-
-
100
-
-
Time for
programming of
whole NVM
(customer
relevant part)
tProg
-
0.5
-
s
incl. look-up table, configuration, customer ID
Programming
temperature
Tprog_temp
10
-
60
°C
 
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
32
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com