Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRS8 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE49SRS8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRS8 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE49SRS8 Datasheet HTML 2Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 3Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 4Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 5Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 6Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 7Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 8Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 9Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
3
General product characteristics
3.1
Absolute Maximum Ratings
Table 3
Absolute maximum ratings
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Maximum
supply voltage
VDD_max
-21
-
26
V
max. 1 min @ TJ = 175°C or max. 1 h @ TJ = 100°C
Maximum
voltage I/O
VIO_Max
-18
-
19.5
V
max. 40 h
Voltage peaks
VDD
VDD_peak
-
-
30
V
max. 50
μs,nocurrentlimitation
Voltage peaks
I/O
VIO_peak
-
-
30
V
max. 50
μs,nocurrentlimitation
Maximum
voltage CBuf
VCBuf_max
-0.3
-
5.5
V
max. 40 h
Maximum pin-
to-pin voltage
difference
VPP_max
-
-
26
V
for neighboring pins
Maximum
current VDD
IDD_max
-75
-
45
mA
max. 40 h; current < 0 means short to VDD
Maximum
current I/O
IIO_max
-130
-
130
mA
max. 1 h; current > 0 means short to GND,
current < 0 means short to VDD
Maximum
ambient
temperature
TA_max
-40
-
125
°C
max. 1000 h at TA=125°C (not additive)
Maximum
junction
temperature
TJ_max
40
-
140
°C
max. 1000 h at TJ=140°C (not additive);
maximum exposure time at other junction
temperatures shall be calculated using the
Arrhenius-model
Storage &
shipment
temperature
Tstorage
5
-
40
°C
for dry packed devices, relative humidity < 90%,
storage time < 3a; see Infineon Application Note:
“Storage of Products Supplied by Infineon
Technologies”
TLE49SR
Datasheet
3 General product characteristics
Datasheet
6
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com