Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRS8 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE49SRS8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRS8 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE49SRS8 Datasheet HTML 13Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 14Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 15Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 16Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 17Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 18Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 19Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 20Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TPWM = 1/fPWM
Reserved duty cycle range for
diagnostics
PWM out
t
Duty cycle range for angle
value transmission
Figure 8
PWM interface with duty cycle range starting with a rising edge
 
As the PWM interface is an analog protocol, the rise and fall times, as well as the trigger level for the detection of the
high and low state of the signal have influence on the measured duty cycle. Therefore, an additional angle error is
introduced which varies with the measurement conditions (e.g. Rp, CW, trigger level). This error contribution is not
included in the angle error definition.
Table 18
PWM interface parameters
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Data resolution -
12
-
-
bit
-
Output
frequencies
fPWM
200
-
3000
Hz
configurable in steps of 1Hz; frequency
depending rise/fall time inaccuracies result in
additional angle error
Output
frequency
tolerance
PWMfreq_tol -
-
±5
%
-
Maximum data
duty cycle range
DCdata_max 5
-
95
%
configurable, the 12 bit angle value is mapped
to this duty cycle range
High diagnostic
duty cycle
DCdiag_high 75
-
99
%
high time to period; f < 2kHz PWM frequency
(table continues...)
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
17
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com