Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRS8 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE49SRS8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRS8 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE49SRS8 Datasheet HTML 1Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 2Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 3Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 4Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 5Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 6Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 7Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 8Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
2
Pin configuration
Figure 2
Pin configuration (top view)
Table 2
Pin configuration PG-TDSO-8-1
PIN number
Symbol
Description
1
I/O
PWM/SENT/SPC / programming
interface I/O
2
CBUF
Buffer capacitor pin
3
GND
Ground
4
VDD
Supply voltage
5
n.c.
-
6
n.c.
-
7
n.c.
-
8
n.c.
-
TLE49SR
Datasheet
2 Pin configuration
Datasheet
5
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com