Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRS8 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE49SRS8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRS8 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE49SRS8 Datasheet HTML 3Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 4Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 5Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 6Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 7Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 8Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 9Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 10Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
3.2
ESD Immunity
Table 4
ESD immunity
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
HBM ESD
immunity
VHBM
-
-
±4
kV
Electro-Static-Discharge voltage (HBM)
according to AEC-Q100-002
CDM ESD
immunity
VCDM
-
-
±0.5
kV
The product withstands the specified Electro-
Static-Discharge voltage (CDM) according to
AEC-Q100-011; for all pins except corner pins
CDM ESD
immunity
VCDM
-
-
±0.75
kV
The product withstands the specified Electro-
Static-Discharge voltage (CDM) according to
AEC-Q100-011; for corner pins only
Note:
Latchup robustness: class II according to AEC-Q100-04.
3.3
Stray Field Robustness
The sensor supports full stray field immunity according to ISO 11452-8:2015 test level IV, and above, see table 5.
Table 5
Stray field robustness
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Stray field
robustness DC
BExt_DC
-8
-
8
mT
-
Stray field
robustness AC
BExt_AC
-1.25
-
1.25
mT
according ISO 11452-8:2015
3.4
Lifetime and Ignition Cycles
Table 6
Lifetime and ignition cycles
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Operating
lifetime
top_life
15k
-
-
h
max 1000 h at TA_max  = 125°C (not additive)
Total lifetime
ttot_life
19
-
-
a
additional 3a storage time
Ignition cycles
Nignition
54k 
-
-
 
during operating lifetime top_life
TLE49SR
Datasheet
3 General product characteristics
Datasheet
7
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com