Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRS8 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE49SRS8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRS8 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE49SRS8 Datasheet HTML 12Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 13Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 14Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 15Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 16Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 17Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 18Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 19Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
5.2
Interfaces
5.2.1
PWM Interface
The PWM interface is a uni-directional interface with the angle information coded in the length of a pulse. The angle
value is proportional to the duty cycle of the output frequency. The duty cycle is calculated as the ratio of the “high”
time to the period length. An increasing angle results in an increased duty cycle with an angle of 0° having the
smallest duty cycle. The starting edge of the PWM protocol can be programmed as rising or falling edge. In case the
protocol starts with a rising edge (LOW level start), a pull-down resistor is required. For the start-up condition with a
falling edge (HIGH level start), a pull-up resistor instead has to be implemented. The protocol works in push/pull and
open drain configuration.
The tolerance of the programmed PWM frequency over temperature and lifetime is given in the table "PWM Frequency
tolerance".
The PWM protocol also allows to use the characteristic curves function, which is primarily utilized in chassis position
sensor applications. This function allows the measurement range of 360° to be divided into smaller segments of 90° or
120° (see Programmable measurement range), however the quadrant information is not transmitted.
 
Error indication
For diagnostic purpose and to indicate internal sensor failures, the output duty cycle of the PWM is limited. Within
this reserved lower and upper duty cycle range, no valid angle information is provided. Instead, this duty cycle range
is used for error indication with defined duty cycles which are clearly separated from the usable data duty cycle
range. The following events are indicated:
•
Occurrence of internal or external fault
•
Sensor reset occurred
 
Configuration
The PWM interface enables to configure the frequency, to define a data duty cycle range and a low and high value of
the diagnostic duty cycle. It has to be ensured by proper device configuration that there is no overlap of data duty
cycle range and low or high value of diagnostic duty cycle.
A possible and valid configuration is:
•
Data duty cycle: 12.5% ...87.5%:  the 12bit angle value is mapped to this duty cycle
•
Diagnostic duty cycle, low: 5%: Low diagnostic duty cycle for indicating firmware safety check errors, details
available in the TLE49SRPx safety manual
•
Diagnostic duty cycle, high: 95%: High diagnostic duty cycle for indicating hardware related errors, details
available in the TLE49SRPx safety manual
The PWM interface with data duty cycle range and reserved duty cycle for diagnostics is shown in figure "PWM
interface with duty cycle range starting with a rising edge".
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
16
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com