Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 13 Page - Analog Devices

Part # LT6370
Description  25μV, 0.3μV/°C, Low Noise Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT6370 Datasheet HTML 9Page - Analog Devices LT6370 Datasheet HTML 10Page - Analog Devices LT6370 Datasheet HTML 11Page - Analog Devices LT6370 Datasheet HTML 12Page - Analog Devices LT6370 Datasheet HTML 13Page - Analog Devices LT6370 Datasheet HTML 14Page - Analog Devices LT6370 Datasheet HTML 15Page - Analog Devices LT6370 Datasheet HTML 16Page - Analog Devices LT6370 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT6370
13
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15V, VCM = VREF = 0V, TA = 25°C, RL = 2k, unless otherwise noted.
G = 1
G = 10
G = 100
G = 1000
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
–20
–10
0
10
20
30
40
50
60
6370 G54
VS = ±15V
TA = 25°C
Gain vs Frequency
Undistorted Output Swing vs
Frequency
Slew Rate vs Temperature
G = 1
VS = ±15V
TA = 25°C
THD < –40dB
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
0
5
10
15
20
25
30
6370 G55
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
5
6
7
8
9
10
11
12
13
14
15
6370 G56
G = 1
PIN FUNCTIONS
–RG (Pin 1/Pin 1/Pin 1): For use with an external gain
setting resistor.
–IN (Pin 2/Pin 3/Pin 2): Negative Input Terminal. This
input is high impedance.
+IN (Pin 3/Pin 4/Pin 3): Positive Input Terminal. This
input is high impedance.
V– (Pin 4/Pin 5/Pin 4): Negative Power Supply. A bypass
capacitor should be used between supply pins and ground.
REF (Pin 5/Pin 6/Pin 5): Reference for the output voltage.
OUTPUT (Pin 6/Pin 7/Pin 6): Output voltage referenced
to the REF pin.
V+ (Pin 7/Pin 8/Pin 7): Positive Power Supply. A bypass
capacitor should be used between supply pins and ground.
+RG (Pin 8/Pin 10/Pin 8): For use with an external gain
setting resistor.
NC (DFN Pins 2, 9): No Internal Connection.
(MS/DFN/SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com